전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST380CH06C0LPBF 데이터시트(PDF) 7 Page - International Rectifier

부품명 ST380CH06C0LPBF
상세설명  PHASE CONTROL THYRISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

ST380CH06C0LPBF 데이터시트(HTML) 7 Page - International Rectifier

  ST380CH06C0LPBF Datasheet HTML 1Page - International Rectifier ST380CH06C0LPBF Datasheet HTML 2Page - International Rectifier ST380CH06C0LPBF Datasheet HTML 3Page - International Rectifier ST380CH06C0LPBF Datasheet HTML 4Page - International Rectifier ST380CH06C0LPBF Datasheet HTML 5Page - International Rectifier ST380CH06C0LPBF Datasheet HTML 6Page - International Rectifier ST380CH06C0LPBF Datasheet HTML 7Page - International Rectifier ST380CH06C0LPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ST380CHPbF Series
Bulletin I25227 09/06
7
www.irf.com
Fig. 9 - On-state Voltage Drop Characteristics
Fig. 10 - Thermal Impedance Z
thJ-hs
Characteristics
Fig. 11 - Gate Characteristics
100
1000
10000
0.511.5
22.5
3
3.5
T = 25°C
J
InstantaneousOn-state Voltage (V)
ST380CH..C Series
T = 150°C
J
0.001
0.01
0.1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value
R
= 0.09 K/ W
(Single Side Cooled)
R
= 0.04 K/ W
(Double Side Cooled)
(DC Operation)
thJ-hs
thJ-hs
ST380CH..C Series
0.1
1
10
100
0.001
0.01
0.1
1
10
100
VGD
IGD
(b)
(a)
(2)
(3)
Insta ntaneousGate Current (A)
a) Recommended load line for
b) Recommended load line for
<=30%ra ted d i/ dt : 10V, 10ohms
Frequency Limited by PG(AV)
rated di/ dt : 20V, 10ohms; tr<=1 µs
tr<=1 µs
Device: ST380CH..C Series
(1) PGM = 10W, tp = 4ms
(2) PGM = 20W, tp = 2ms
(3) PGM = 40W, tp = 1ms
(4) PGM = 60W, tp = 0.66ms
Rec tangular gate pulse
(1)
(4)


유사한 부품 번호 - ST380CH06C0LPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
ST380CH06C0LPBF VISHAY-ST380CH06C0LPBF Datasheet
199Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 960 A
Revision: 11-Aug-08
More results

유사한 설명 - ST380CH06C0LPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com