부품명
         상세내용
XN04381

 Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2) For switching/digital circuits ( 5 Page)


PANASONIC
100% 
Zoom Out Zoom In
   
 2 page
background image
XN04381
2
SJJ00068BED
• Tr2
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
■ Electrical Characteristics T
a = 25°C ± 3°C
• Tr1
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
Common characteristics chart
PT  Ta
0
160
40
120
80
0
500
200
400
100
300
Ambient temperature T
a (°C)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = 10 µA, IE = 050
V
Collector-emitter voltage (Base open)
VCEO
IC
= 2 mA, I
B
= 050
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = 50 V, IE = 0
0.1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = 50 V, IB = 0
0.5
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB
= 6 V, I
C
= 0
0.1
mA
Forward current transfer ratio
hFE
VCE = 10 V, IC = 5 mA
80
Collector-emitter saturation voltage
VCE(sat)
IC = 10 mA, IB = 0.3 mA
0.25
V
Output voltage high-level
VOH
VCC
= 5 V, V
B
= 0.5 V, R
L
= 1 kΩ
4.9
V
Output voltage low-level
VOL
VCC = 5 V, VB = 3.5 V, RL = 1 kΩ
0.2
V
Input resistance
R1
−30%
47
+30%
k
Resistance ratio
R1 / R2
0.8
1.0
1.2
Transition frequency
fT
VCB = 10 V, IE = −2 mA, f = 200 MHz
150
MHz
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = −10 µA, IE = 0
−50
V
Collector-emitter voltage (Base open)
VCEO
IC
= −2 mA, I
B
= 0
−50
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = −50 V, IE = 0
−1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = −50 V, IB = 0
−1
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB = −6 V, IC = 0
−2mA
Forward current transfer ratio
hFE
VCE
= −10 V, I
C
= −100 mA
50
Collector-emitter saturation voltage
VCE(sat)
IC = −100 mA, IB = −5 mA
− 0.25
V
Output voltage high-level
VOH
VCC = −5 V, VB = − 0.5 V, RL = 500 Ω−4.9
V
Output voltage low-level
VOL
VCC
= −5 V, V
B
= −3.5 V, R
L
= 500 Ω− 0.2
V
Input resistance
R1
−30%
4.7
+30%
k
Resistance ratio
R1 / R2
0.8
1.0
1.2
Transition frequency
fT
VCB
= −10 V, I
E
= 50 mA, f = 200 MHz
200
MHz
1  2  3  4  5 



관련 부품명

부품명상세내용Html View제조사
XN05501Silicon NPN epitaxial planar type For general amplification 1 2 3 Panasonic Semiconductor
2SC5128Silicon NPN triple diffusion planar type For high breakdown voltage high-speed switching 1 2 3 Panasonic Semiconductor
MA26V14Silicon epitaxial planar type For VCO 1 2 Panasonic Semiconductor
2SA1284FOR LOW FREQUENCY POWER AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE 1 2 3 4 Isahaya Electronics Corporation
MA3X720Silicon epitaxial planar type For high frequency rectification 1 2 3 Panasonic Semiconductor
MA27V07Silicon epitaxial planar type For VCO 1 2 3 Panasonic Semiconductor
2SB0873Silicon PNP epitaxial planar type 1 2 3 Panasonic Semiconductor
XN0A312Silicon NPN epitaxial planar type Tr1 1 2 3 4 5 Panasonic Semiconductor
MA26077Silicon epitaxial planar type 1 2 3 Panasonic Semiconductor
MA26111Silicon epitaxial planar type 1 2 Panasonic Semiconductor