전자부품 데이터시트 검색엔진 |
|
ST173C10CCP2P 데이터시트(PDF) 1 Page - International Rectifier |
|
ST173C10CCP2P 데이터시트(HTML) 1 Page - International Rectifier |
1 / 9 page 330A INVERTER GRADE THYRISTORS Hockey Puk Version ST173CPbF SERIES 1 Bulletin I25233 10/06 www.irf.com Typical Applications Inverters Choppers Induction heating All types of force-commutated converters Features Metal case with ceramic insulator International standard case TO-200AB (A-PUK) All diffused design Center amplifying gate Guaranteed high dV/dt Guaranteed high dI/dt High surge current capability Low thermal impedance High speed performance case style TO-200AB (A-PUK) I T(AV) 330 A @ T hs 55 °C I T(RMS) 610 A @ T hs 25 °C I TSM @ 50Hz 4680 A @ 60Hz 4900 A I 2t@ 50Hz 110 KA 2s @ 60Hz 100 KA 2s V DRM/VRRM 1000 to1200 V t q range 15 to 30 µs T J - 40 to 125 °C Major Ratings and Characteristics Parameters ST173C..C Units |
유사한 부품 번호 - ST173C10CCP2P |
|
유사한 설명 - ST173C10CCP2P |