전자부품 데이터시트 검색엔진 |
|
OPA604 데이터시트(PDF) 2 Page - Texas Instruments |
|
OPA604 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 16 page OPA604 2 SBOS019A www.ti.com ABSOLUTE MAXIMUM RATINGS Power Supply Voltage ....................................................................... ±25V Input Voltage ............................................................... (V–)–1V to (V+)+1V Output Short Circuit to Ground ................................................ Continuous Operating Temperature .................................................. –40 °C to +100°C Storage Temperature ...................................................... –40 °C to +125°C Junction Temperature .................................................................... +150 °C Lead Temperature (soldering, 10s) AP .......................................... +300 °C Lead Temperature (soldering, 3s) AU ............................................ +260 °C PIN CONFIGURATION Top View DIP, SOIC 1 2 3 4 Offset Trim –In +In –V S 8 7 6 5 No Internal Connection +V S Output Offset Trim ELECTROSTATIC DISCHARGE SENSITIVITY Any integrated circuit can be damaged by ESD. Texas Instru- ments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet published speci- fications. PACKAGE/ORDERING INFORMATION For the most current package and ordering information, see to the Package Option Addendum at the end of this data sheet. |
유사한 부품 번호 - OPA604_07 |
|
유사한 설명 - OPA604_07 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |