전자부품 데이터시트 검색엔진 |
|
M27C1001-35XBTR 데이터시트(PDF) 11 Page - STMicroelectronics |
|
M27C1001-35XBTR 데이터시트(HTML) 11 Page - STMicroelectronics |
11 / 24 page M27C1001 Device description 11/24 Byte 0 (A0 = VIL) represents the manufacturer code and byte 1 (A0 = VIH) the device identifier code. For the STMicroelectronics M27C1001, these two identifier bytes are given in Table 3 and can be read-out on outputs Q7 to Q0. 2.10 Erasure operation (applies to UV EPROM) The erasure characteristics of the M27C1001 is such that erasure begins when the cells are exposed to light with wavelengths shorter than approximately 4000 Å. It should be noted that sunlight and some type of fluorescent lamps have wavelengths in the 3000-4000 Å range. Research shows that constant exposure to room level fluorescent lighting could erase a typical M27C1001 in about 3 years, while it would take approximately 1 week to cause erasure when exposed to direct sunlight. If the M27C1001 is to be exposed to these types of lighting conditions for extended periods of time, it is suggested that opaque labels be put over the M27C1001 window to prevent unintentional erasure. The recommended erasure procedure for the M27C1001 is exposure to short wave ultraviolet light which has a wavelength of 2537 Å. The integrated dose (i.e. UV intensity x exposure time) for erasure should be a minimum of 15 W-sec/cm2. The erasure time with this dosage is approximately 15 to 20 minutes using an ultraviolet lamp with 12000 µW/cm2 power rating. The M27C1001 should be placed within 2.5 cm (1 inch) of the lamp tubes during the erasure. Some lamps have a filter on their tubes which should be removed before erasure. Table 3. Electronic Signature Identifier A0 Q7 Q6 Q5 Q4 Q3 Q2 Q1 Q0 Hex Data Manufacturer’s Code VIL 001 00000 20h Device Code VIH 000 00101 05h |
유사한 부품 번호 - M27C1001-35XBTR |
|
유사한 설명 - M27C1001-35XBTR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |