전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M27C1001-45XBTR 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 M27C1001-45XBTR
상세설명  1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1001-45XBTR 데이터시트(HTML) 1 Page - STMicroelectronics

  M27C1001-45XBTR Datasheet HTML 1Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 2Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 3Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 4Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 5Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 6Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 7Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 8Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
April 2006
Rev 5
1/24
1
M27C1001
1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
Features
5v ± 10% Supply Voltage in Read Operation
Access Time: 35ns
Low Power Consumption:
– Active Current: 30 mA at 5 MHz
– Standby Current: 100 µA
Programming Voltage: 12.75V ± 0.25V
Programming Time: 100 µs/word
Electronic Signature
– Manufacturer Code: 20h
– Device Code: 05h
ECOPACK® packages available
1
32
32
1
FDIP32W (F)
PDIP32 (B)
PLCC32 (C)
TSOP32 (N)
8 x 20 mm
www.st.com


유사한 부품 번호 - M27C1001-45XBTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27C1001-45XB1TR STMICROELECTRONICS-M27C1001-45XB1TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-45XB1X STMICROELECTRONICS-M27C1001-45XB1X Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-45XB3TR STMICROELECTRONICS-M27C1001-45XB3TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-45XB3X STMICROELECTRONICS-M27C1001-45XB3X Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-45XB6TR STMICROELECTRONICS-M27C1001-45XB6TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
More results

유사한 설명 - M27C1001-45XBTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27C1001-10F1 STMICROELECTRONICS-M27C1001-10F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001-70F1 STMICROELECTRONICS-M27C1001-70F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001-12F6 STMICROELECTRONICS-M27C1001-12F6 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C64A STMICROELECTRONICS-M27C64A Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
M27C256B STMICROELECTRONICS-M27C256B Datasheet
113Kb / 16P
   256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com