전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M27C1001-45XBTR 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 M27C1001-45XBTR
상세설명  1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1001-45XBTR 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button M27C1001-45XBTR Datasheet HTML 7Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 8Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 9Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 10Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 11Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 12Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 13Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 14Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
M27C1001
Device description
11/24
Byte 0 (A0 = VIL) represents the manufacturer code and byte 1 (A0 = VIH) the device
identifier code. For the STMicroelectronics M27C1001, these two identifier bytes are given
in Table 3 and can be read-out on outputs Q7 to Q0.
2.10
Erasure operation (applies to UV EPROM)
The erasure characteristics of the M27C1001 is such that erasure begins when the cells are
exposed to light with wavelengths shorter than approximately 4000 Å. It should be noted
that sunlight and some type of fluorescent lamps have wavelengths in the 3000-4000 Å
range. Research shows that constant exposure to room level fluorescent lighting could
erase a typical M27C1001 in about 3 years, while it would take approximately 1 week to
cause erasure when exposed to direct sunlight. If the M27C1001 is to be exposed to these
types of lighting conditions for extended periods of time, it is suggested that opaque labels
be put over the M27C1001 window to prevent unintentional erasure. The recommended
erasure procedure for the M27C1001 is exposure to short wave ultraviolet light which has a
wavelength of 2537 Å. The integrated dose (i.e. UV intensity x exposure time) for erasure
should be a minimum of 15 W-sec/cm2. The erasure time with this dosage is approximately
15 to 20 minutes using an ultraviolet lamp with 12000 µW/cm2 power rating. The M27C1001
should be placed within 2.5 cm (1 inch) of the lamp tubes during the erasure. Some lamps
have a filter on their tubes which should be removed before erasure.
Table 3.
Electronic Signature
Identifier
A0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Hex Data
Manufacturer’s Code
VIL
001
00000
20h
Device Code
VIH
000
00101
05h


유사한 부품 번호 - M27C1001-45XBTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27C1001-45XB1TR STMICROELECTRONICS-M27C1001-45XB1TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-45XB1X STMICROELECTRONICS-M27C1001-45XB1X Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-45XB3TR STMICROELECTRONICS-M27C1001-45XB3TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-45XB3X STMICROELECTRONICS-M27C1001-45XB3X Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-45XB6TR STMICROELECTRONICS-M27C1001-45XB6TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
More results

유사한 설명 - M27C1001-45XBTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27C1001-10F1 STMICROELECTRONICS-M27C1001-10F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001-70F1 STMICROELECTRONICS-M27C1001-70F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001-12F6 STMICROELECTRONICS-M27C1001-12F6 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C64A STMICROELECTRONICS-M27C64A Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
M27C256B STMICROELECTRONICS-M27C256B Datasheet
113Kb / 16P
   256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com