전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M27C1001-45XBTR 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 M27C1001-45XBTR
상세설명  1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1001-45XBTR 데이터시트(HTML) 5 Page - STMicroelectronics

  M27C1001-45XBTR Datasheet HTML 1Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 2Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 3Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 4Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 5Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 6Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 7Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 8Page - STMicroelectronics M27C1001-45XBTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
M27C1001
Summary description
5/24
1
Summary description
The M27C1001 is a 1 Mbit EPROM offered in the two ranges: UV (ultra violet erase) and
OTP (one time programmable). It is ideally suited for microprocessor systems requiring
large programs and is organized as 131,072 words of 8 bits.
The FDIP32W (window ceramic frit-seal package) has a transparent lid that enables the
user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can then be
written to the device by following the programming procedure.
For applications where the content is programmed only one time and erasure is not
required, the M27C1001 is offered in PDIP32, PLCC32 and TSOP32 (8 x 20 mm) packages.
In order to meet environmental requirements, ST offers the M27C1001 in ECOPACK®
packages. ECOPACK packages are Lead-free. The category of second Level Interconnect
is marked on the package and on the inner box label, in compliance with JEDEC Standard
JESD97. The maximum ratings related to soldering conditions are also marked on the inner
box label.
ECOPACK is an ST trademark. ECOPACK® specifications are available at: www.st.com.
See Figure 1: Logic Diagram and Table 1: Signal Descriptions for a brief overview of the
signals connected to this device.
Figure 1.
Logic Diagram
AI00710B
17
A0-A16
P
Q0-Q7
VPP
VCC
M27C1001
G
E
VSS
8


유사한 부품 번호 - M27C1001-45XBTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27C1001-45XB1TR STMICROELECTRONICS-M27C1001-45XB1TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-45XB1X STMICROELECTRONICS-M27C1001-45XB1X Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-45XB3TR STMICROELECTRONICS-M27C1001-45XB3TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-45XB3X STMICROELECTRONICS-M27C1001-45XB3X Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-45XB6TR STMICROELECTRONICS-M27C1001-45XB6TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
More results

유사한 설명 - M27C1001-45XBTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27C1001-10F1 STMICROELECTRONICS-M27C1001-10F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001-70F1 STMICROELECTRONICS-M27C1001-70F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001-12F6 STMICROELECTRONICS-M27C1001-12F6 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C64A STMICROELECTRONICS-M27C64A Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
M27C256B STMICROELECTRONICS-M27C256B Datasheet
113Kb / 16P
   256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com