전자부품 데이터시트 검색엔진 |
|
M27C1001-60NTR 데이터시트(PDF) 5 Page - STMicroelectronics |
|
M27C1001-60NTR 데이터시트(HTML) 5 Page - STMicroelectronics |
5 / 24 page M27C1001 Summary description 5/24 1 Summary description The M27C1001 is a 1 Mbit EPROM offered in the two ranges: UV (ultra violet erase) and OTP (one time programmable). It is ideally suited for microprocessor systems requiring large programs and is organized as 131,072 words of 8 bits. The FDIP32W (window ceramic frit-seal package) has a transparent lid that enables the user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can then be written to the device by following the programming procedure. For applications where the content is programmed only one time and erasure is not required, the M27C1001 is offered in PDIP32, PLCC32 and TSOP32 (8 x 20 mm) packages. In order to meet environmental requirements, ST offers the M27C1001 in ECOPACK® packages. ECOPACK packages are Lead-free. The category of second Level Interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK® specifications are available at: www.st.com. See Figure 1: Logic Diagram and Table 1: Signal Descriptions for a brief overview of the signals connected to this device. Figure 1. Logic Diagram AI00710B 17 A0-A16 P Q0-Q7 VPP VCC M27C1001 G E VSS 8 |
유사한 부품 번호 - M27C1001-60NTR |
|
유사한 설명 - M27C1001-60NTR |