전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

OPA2604_06 데이터시트(Datasheet) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
부품명 OPA2604_06
상세내용  Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo 

 
 6 page
background image
OPA2604
®
6
TYPICAL PERFORMANCE CURVES (CONT)
At T
A = +25°C, VS = ±15V, unless otherwise noted.
25
30
25
20
15
10
SETTLING TIME vs CLOSED-LOOP GAIN
Closed-Loop Gain (V/V)
–1
5
4
3
2
1
0
–10
–100
–1000
0.01%
0.1%
V
O = 10V Step
R
L = 1kΩ
C
L = 50pF
CHANNEL SEPARATION vs FREQUENCY
Frequency (Hz)
10
160
140
120
100
80
100
1k
10k
100k
VO =
20Vp-p
A
B
RL
R
L = 1kΩ
R
L = ∞
Measured
Output
MAXIMUM OUTPUT VOLTAGE SWING vs FREQUENCY
Frequency (Hz)
10k
30
20
10
0
100k
1M
10M
V = ±15V
S
SUPPLY CURRENT vs TEMPERATURE
Ambient Temperature (°C)
–75
14
12
10
8
6
–50
–25
0
25
50
75
100
125
V
S = ±24VDC
V
S = ±15VDC
V
S = ±5VDC
Total for Both Op Amps
–10
FPO
Bleed to edge
0
5
10
+10
LARGE-SIGNAL TRANSIENT RESPONSE
Time (µs)
01
µs
2
µs
+100
–100
SMALL-SIGNAL TRANSIENT RESPONSE
Time (µs)




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


데이터시트



관련 부품명

부품명상세내용Html View제조사
OPA604_07FET-Input Low Distortion OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreTexas Instruments
LMV7165 MHz Low Noise RRO Dual Operational Amplifier with CMOS Input 1 2 3 4 5 MoreNational Semiconductor (TI)
TS321_05Low Power Single Operational Amplifier 1 2 3 4 5 MoreSTMicroelectronics
OPA2690Dual Wideband Voltage-Feedback OPERATIONAL AMPLIFIER with Disable 1 2 3 4 5 MoreBurr-Brown (TI)
TS922_07Rail-to-rail high output current dual operational amplifier 1 2 3 4 5 MoreSTMicroelectronics
ICL8021High Reliability Low Power Bipolar Operational Amplifier 1 2 3 4 5 Intersil Corporation
ADA4000-1Low Cost Precision JFET Input Operational Amplifier in TSOT 1 2 3 4 5 MoreAnalog Devices
LM2904WLOW POWER DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
ADA4841-1Low Power Low Noise and Distortion Rail-to-Rail Output Amplifier 1 2 3 4 5 MoreAnalog Devices

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl