전자부품 데이터시트 검색엔진 |
|
SST32HF3242C-70-4C-LSE 데이터시트(PDF) 4 Page - Silicon Storage Technology, Inc |
|
SST32HF3242C-70-4C-LSE 데이터시트(HTML) 4 Page - Silicon Storage Technology, Inc |
4 / 36 page 4 Preliminary Specifications Multi-Purpose Flash Plus + SRAM ComboMemory SST32HF1642 / SST32HF1682 / SST32HF3242 / SST32HF3282 SST32HF1622C / SST32HF1642C / SST32HF3242C ©2005 Silicon Storage Technology, Inc. S71253-03-000 5/05 The actual completion of the nonvolatile write is asynchro- nous with the system; therefore, either a Data# Polling or Toggle Bit read may be simultaneous with the completion of the Write cycle. If this occurs, the system may possibly get an erroneous result, i.e., valid data may appear to con- flict with either DQ7 or DQ6. In order to prevent spurious rejection, if an erroneous result occurs, the software routine should include a loop to read the accessed location an additional two (2) times. If both reads are valid, then the device has completed the Write cycle, otherwise the rejec- tion is valid. Flash Data# Polling (DQ7) When the SST32HFx2/x2C flash memory banks are in the internal Program operation, any attempt to read DQ7 will produce the complement of the true data. Once the Pro- gram operation is completed, DQ7 will produce true data. Note that even though DQ7 may have valid data immedi- ately following the completion of an internal Write opera- tion, the remaining data outputs may still be invalid: valid data on the entire data bus will appear in subsequent suc- cessive Read cycles after an interval of 1 µs. During inter- nal Erase operation, any attempt to read DQ7 will produce a ‘0’. Once the internal Erase operation is completed, DQ7 will produce a ‘1’. The Data# Polling is valid after the rising edge of the fourth WE# (or BEF#) pulse for Program opera- tion. For Sector- or Block-Erase, the Data# Polling is valid after the rising edge of the sixth WE# (or BEF#) pulse. See Figure 9 for Data# Polling timing diagram and Figure 22 for a flowchart. Toggle Bits (DQ6 and DQ2) During the internal Program or Erase operation, any con- secutive attempts to read DQ6 will produce alternating “1”s and “0”s, i.e., toggling between 1 and 0. When the internal Program or Erase operation is completed, the DQ6 bit will stop toggling. The device is then ready for the next opera- tion. For Sector-, Block-, or Chip-Erase, the toggle bit (DQ6) is valid after the rising edge of sixth WE# (or BEF#) pulse. DQ6 will be set to “1” if a Read operation is attempted on an Erase-Suspended Sector/Block. If Program operation is ini- tiated in a sector/block not selected in Erase-Suspend mode, DQ6 will toggle. An additional Toggle Bit is available on DQ2, which can be used in conjunction with DQ6 to check whether a particular sector is being actively erased or erase-suspended. Table 1 shows detailed status bits information. The Toggle Bit (DQ2) is valid after the rising edge of the last WE# (or BEF#) pulse of Write operation. See Figure 10 for Toggle Bit timing diagram and Figure 22 for a flowchart. Note: DQ7 and DQ2 require a valid address when reading status information. Flash Memory Data Protection The SST32HFx2/x2C flash memory bank provides both hardware and software features to protect nonvolatile data from inadvertent writes. Flash Hardware Data Protection Noise/Glitch Protection: A WE# or BEF# pulse of less than 5 ns will not initiate a Write cycle. VDD Power Up/Down Detection: The Write operation is inhibited when VDD is less than 1.5V. Write Inhibit Mode: Forcing OE# low, BEF# high, or WE# high will inhibit the flash Write operation. This prevents inadvertent writes during power-up or power-down. TABLE 1: WRITE OPERATION STATUS Status DQ7 DQ6 DQ2 Normal Operation Standard Program DQ7# Toggle No Toggle Standard Erase 0 Toggle Toggle Erase- Suspend Mode Read from Erase-Suspended Sector/Block 1 1 Toggle Read from Non- Erase-Suspended Sector/Block Data Data Data Program DQ7# Toggle N/A T1.0 1253 |
유사한 부품 번호 - SST32HF3242C-70-4C-LSE |
|
유사한 설명 - SST32HF3242C-70-4C-LSE |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |