전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74CBTLV16212DLR 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74CBTLV16212DLR
상세설명  LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV16212DLR 데이터시트(HTML) 5 Page - Texas Instruments

  SN74CBTLV16212DLR Datasheet HTML 1Page - Texas Instruments SN74CBTLV16212DLR Datasheet HTML 2Page - Texas Instruments SN74CBTLV16212DLR Datasheet HTML 3Page - Texas Instruments SN74CBTLV16212DLR Datasheet HTML 4Page - Texas Instruments SN74CBTLV16212DLR Datasheet HTML 5Page - Texas Instruments SN74CBTLV16212DLR Datasheet HTML 6Page - Texas Instruments SN74CBTLV16212DLR Datasheet HTML 7Page - Texas Instruments SN74CBTLV16212DLR Datasheet HTML 8Page - Texas Instruments SN74CBTLV16212DLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SN74CBTLV16212
LOW VOLTAGE 24BIT FET BUSEXCHANGE SWITCH
SCDS044I − DECEMBER 1997 − REVISED OCTOBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 3 V,
II = −18 mA
−1.2
V
II
VCC = 3.6 V,
VI = VCC or GND
±1
µA
Ioff
VCC = 0,
VI or VO = 0 to 3.6 V
10
µA
ICC
VCC = 3.6 V,
IO = 0,
VI = VCC or GND
10
µA
∆ICC‡ Control inputs VCC = 3.6 V,
One input at 3 V,
Other inputs at VCC or GND
300
µA
Ci
Control inputs
VI = 3 V or 0
5
pF
Cio(OFF)
VO = 3 V or 0,
S1, S2, and S3 = GND
8
pF
VCC = 2.3 V,
VI = 0
II = 64 mA
5
8
VCC = 2.3 V,
TYP at VCC = 2.5 V
VI = 0
II = 24 mA
5
8
ron§
TYP at VCC = 2.5 V
VI = 1.7 V,
II = 15 mA
27
40
ron§
VI = 0
II = 64 mA
5
7
VCC = 3 V
VI = 0
II = 24 mA
5
7
VCC = 3 V
VI = 2.4 V,
II = 15 mA
10
15
† All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
‡ This is the increase in supply current for each input that is at the specified voltage level, rather than VCC or GND.
§ Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by
the lower of the voltages of the two (A or B) terminals.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
tpd¶
A or B
B or A
0.15
0.25
ns
tpd
S
B or A
3
11.1
3
8.8
ns
ten
S
A or B
3
10.9
3
8.6
ns
tdis
S
A or B
1
8.7
2
8.8
ns
¶ The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when
driven by an ideal voltage source (zero output impedance).


유사한 부품 번호 - SN74CBTLV16212DLR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBTLV16212DLR TI1-SN74CBTLV16212DLR Datasheet
350Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
More results

유사한 설명 - SN74CBTLV16212DLR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBTLV16212DGGR TI1-SN74CBTLV16212DGGR Datasheet
350Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV16212 TI-SN74CBTLV16212 Datasheet
105Kb / 8P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT16213 TI1-SN74CBT16213_08 Datasheet
333Kb / 11P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
logo
Integrated Device Techn...
IDT74CBTLV16212 IDT-IDT74CBTLV16212 Datasheet
76Kb / 5P
   LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
logo
Renesas Technology Corp
74CBTLV16212 RENESAS-74CBTLV16212 Datasheet
281Kb / 6P
   LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
JUNE 2019
logo
Integrated Device Techn...
IDT74CBTLV16212 IDT-IDT74CBTLV16212_14 Datasheet
105Kb / 5P
   LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
logo
Texas Instruments
SN74CBTL3383 TI-SN74CBTL3383 Datasheet
237Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI-SN74CBTLV3383 Datasheet
83Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI1-SN74CBTLV3383_15 Datasheet
872Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com