전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74CBTLV16212GR 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74CBTLV16212GR
상세설명  LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV16212GR 데이터시트(HTML) 7 Page - Texas Instruments

Back Button SN74CBTLV16212GR Datasheet HTML 3Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 4Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 5Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 6Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 7Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 8Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 9Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 10Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74CBTLV16212DLG4
ACTIVE
SSOP
DL
56
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74CBTLV16212DLRG4
ACTIVE
SSOP
DL
56
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74CBTLV16212GRE4
ACTIVE
TSSOP
DGG
56
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74CBTLV16212VRE4
ACTIVE
TVSOP
DGV
56
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBTLV16212DL
ACTIVE
SSOP
DL
56
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBTLV16212DLR
ACTIVE
SSOP
DL
56
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBTLV16212GR
ACTIVE
TSSOP
DGG
56
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBTLV16212VR
ACTIVE
TVSOP
DGV
56
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
18-Jul-2006
Addendum-Page 1


유사한 부품 번호 - SN74CBTLV16212GR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBTLV16212GR TI1-SN74CBTLV16212GR Datasheet
350Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
More results

유사한 설명 - SN74CBTLV16212GR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBTLV16212DGGR TI1-SN74CBTLV16212DGGR Datasheet
350Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV16212 TI-SN74CBTLV16212 Datasheet
105Kb / 8P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT16213 TI1-SN74CBT16213_08 Datasheet
333Kb / 11P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
logo
Integrated Device Techn...
IDT74CBTLV16212 IDT-IDT74CBTLV16212 Datasheet
76Kb / 5P
   LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
logo
Renesas Technology Corp
74CBTLV16212 RENESAS-74CBTLV16212 Datasheet
281Kb / 6P
   LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
JUNE 2019
logo
Integrated Device Techn...
IDT74CBTLV16212 IDT-IDT74CBTLV16212_14 Datasheet
105Kb / 5P
   LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
logo
Texas Instruments
SN74CBTL3383 TI-SN74CBTL3383 Datasheet
237Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI-SN74CBTLV3383 Datasheet
83Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI1-SN74CBTLV3383_15 Datasheet
872Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com