전자부품 데이터시트 검색엔진 |
|
SST36VF3204-70-4I-EKE 데이터시트(PDF) 3 Page - Silicon Storage Technology, Inc |
|
SST36VF3204-70-4I-EKE 데이터시트(HTML) 3 Page - Silicon Storage Technology, Inc |
3 / 34 page Data Sheet 32 Mbit Concurrent SuperFlash SST36VF3203 / SST36VF3204 3 ©2005 Silicon Storage Technology, Inc. S71270-03-000 7/06 Sector- (Block-) Erase Operation These devices offer both Sector-Erase and Block-Erase operations. These operations allow the system to erase the devices on a sector-by-sector (or block-by-block) basis. The sector architecture is based on a uniform sector size of 2 KWord. The Block-Erase mode is based on a uniform block size of 32 KWord. The Sector-Erase operation is initiated by executing a six-byte command sequence with a Sector- Erase command (50H) and sector address (SA) in the last bus cycle. The Block-Erase operation is initiated by execut- ing a six-byte command sequence with Block-Erase com- mand (30H) and block address (BA) in the last bus cycle. The sector or block address is latched on the falling edge of the sixth WE# pulse, while the command (30H or 50H) is latched on the rising edge of the sixth WE# pulse. The inter- nal Erase operation begins after the sixth WE# pulse. Any commands issued during the Sector- or Block-Erase opera- tion are ignored except Erase-Suspend and Erase- Resume. See Figures 9 and 10 for timing waveforms. Chip-Erase Operation The devices provide a Chip-Erase operation, which allows the user to erase all sectors/blocks to the “1” state. This is useful when a device must be quickly erased. The Chip-Erase operation is initiated by executing a six- byte command sequence with Chip-Erase command (10H) at address 555H in the last byte sequence. The Erase operation begins with the rising edge of the sixth WE# or CE#, whichever occurs first. During the Erase operation, the only valid Read is Toggle Bit or Data# Polling. Any com- mands issued during the Chip-Erase operation are ignored. See Table 7 for the command sequence, Figure 8 for timing diagram, and Figure 22 for the flowchart. When WP# is low, any attempt to Chip-Erase will be ignored. Erase-Suspend/Erase-Resume Operations The Erase-Suspend operation temporarily suspends a Sector- or Block-Erase operation thus allowing data to be read from any memory location, or program data into any sector/block that is not suspended for an Erase operation. The operation is executed by issuing a one-byte command sequence with Erase-Suspend command (B0H). The device automatically enters read mode no more than 10 µs after the Erase-Suspend command had been issued. (TES maximum latency equals 10 µs.) Valid data can be read from any sector or block that is not suspended from an Erase operation. Reading at address location within erase- suspended sectors/blocks will output DQ2 toggling and DQ6 at “1”. While in Erase-Suspend mode, a Program operation is allowed except for the sector or block selected for Erase-Suspend. The Software ID Entry command can also be executed. To resume Sector-Erase or Block-Erase operation which has been suspended, the system must issue an Erase-Resume command. The operation is exe- cuted by issuing a one-byte command sequence with Erase Resume command (30H) at any address in the last byte sequence. Write Operation Status Detection These devices provide one hardware and two software means to detect the completion of a Write (Program or Erase) cycle in order to optimize the system Write cycle time. The hardware detection uses the Ready/Busy# (RY/ BY#) output pin. The software detection includes two sta- tus bits: Data# Polling (DQ7) and Toggle Bit (DQ6). The End-of-Write detection mode is enabled after the rising edge of WE#, which initiates the internal Program or Erase operation. The actual completion of the nonvolatile write is asynchro- nous with the system; therefore, either a Ready/Busy# (RY/ BY#), a Data# Polling (DQ7), or Toggle Bit (DQ6) Read may be simultaneous with the completion of the Write cycle. If this occurs, the system may get an erroneous result, i.e., valid data may appear to conflict with either DQ7 or DQ6. In order to prevent spurious rejection if an erroneous result occurs, the software routine should include a loop to read the accessed location an additional two (2) times. If both Reads are valid, then the Write cycle has completed, other- wise the rejection is valid. |
유사한 부품 번호 - SST36VF3204-70-4I-EKE |
|
유사한 설명 - SST36VF3204-70-4I-EKE |