전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NE321000 데이터시트(PDF) 6 Page - California Eastern Labs

부품명 NE321000
상세설명  ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CEL [California Eastern Labs]
홈페이지  http://www.cel.com
Logo CEL - California Eastern Labs

NE321000 데이터시트(HTML) 6 Page - California Eastern Labs

  NE321000_01 Datasheet HTML 1Page - California Eastern Labs NE321000_01 Datasheet HTML 2Page - California Eastern Labs NE321000_01 Datasheet HTML 3Page - California Eastern Labs NE321000_01 Datasheet HTML 4Page - California Eastern Labs NE321000_01 Datasheet HTML 5Page - California Eastern Labs NE321000_01 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES
• Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only)
• Internet: http://WWW.CEL.COM
02/20/2001
DATA SUBJECT TO CHANGE WITHOUT NOTICE
NE321000
NE321000 NONLINEAR MODEL
SCHEMATIC
Lgx
CDSx
0.02PF
CGSx
0.02pF
Lsx
0.13nH
SOURCE
DRAIN
GATE
0.39nH
Ldx
0.39nH
Q1
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
Parameters
Q1
Parameters
Q1
VTO
-0.774
RG
3
VTOSC
0
RD
3
ALPHA
8
RS
3
BETA
0.102
RGMET
0
GAMMA
0.085
KF
0
GAMMADC
0.08
AF
1
Q
2.5
TNOM
27
DELTA
0.8
XTI
3
VBI
0.6
EG
1.43
IS
1e-14
VTOTC
0
N
1
BETATCE
0
RIS
0
FFE
1
RID
0
TAU
2e-12
CDS
0.08e-12
RDB
5000
CBS
1e-9
CGSO
0.21e-12
CGDO
0.025e-12
DELTA1
0.3
DELTA2
0.2
FC
0.5
VBR
Infinity
Parameter
Units
time
seconds
capacitance
farads
inductance
henries
resistance
ohms
voltage
volts
current
amps
FET NONLINEAR MODEL PARAMETERS (1)
UNITS
MODEL RANGE
Frequency:
2 to 28 GHz
Bias:
VDS = 1 V to 3 V, ID = 1 mA to 30 mA
Date:
10/99
(1) Series IV Libra TOM Model


유사한 부품 번호 - NE321000_01

제조업체부품명데이터시트상세설명
logo
NEC
NE321000 NEC-NE321000 Datasheet
48Kb / 12P
   C to Ka BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET CHIP
logo
California Eastern Labs
NE321000 CEL-NE321000 Datasheet
141Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
Renesas Technology Corp
NE321000 RENESAS-NE321000 Datasheet
215Kb / 14P
   HETERO JUNCTION FIELDEFFECT TRANSISTOR
1999
More results

유사한 설명 - NE321000_01

제조업체부품명데이터시트상세설명
logo
California Eastern Labs
NE24283B CEL-NE24283B Datasheet
49Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32400 NEC-NE32400_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE321000 CEL-NE321000 Datasheet
141Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32684A NEC-NE32684A Datasheet
194Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE24200 CEL-NE24200 Datasheet
47Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32484A NEC-NE32484A_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32984D NEC-NE32984D Datasheet
51Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32584C NEC-NE32584C_98 Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE32584 CEL-NE32584 Datasheet
58Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE24200 NEC-NE24200_00 Datasheet
46Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com