전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NE321000 데이터시트(PDF) 2 Page - California Eastern Labs

부품명 NE321000
상세설명  ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CEL [California Eastern Labs]
홈페이지  http://www.cel.com
Logo CEL - California Eastern Labs

NE321000 데이터시트(HTML) 2 Page - California Eastern Labs

  NE321000 Datasheet HTML 1Page - California Eastern Labs NE321000 Datasheet HTML 2Page - California Eastern Labs NE321000 Datasheet HTML 3Page - California Eastern Labs NE321000 Datasheet HTML 4Page - California Eastern Labs NE321000 Datasheet HTML 5Page - California Eastern Labs NE321000 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDS
Drain to Source Voltage
V
4.0
VGS
Gate to Source Voltage
V
-3.0
IDS
Drain Current
mA
IDSS
IG
Gate Current
µA
100
PT2
Total Power Dissipation
mW
200
TCH
Channel Temperature
°C
175
TSTG
Storage Temperature
°C
-65 to +175
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. Chip mounted on Alumina heat sink.
NE321000
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (°C)
Frequency, f (GHz)
MAXIMUM AVAILABLE GAIN,
FORWARD INSERTION GAIN vs.
DRAIN CURRENT
250
200
150
100
50
0
50
100
150
200
250
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
DRAIN CURRENT vs.
GATE TO SOURCE VOLTAGE
Drain to Source Voltage, VDS (V)
Gate to Source Voltage, VGS (V)
VGS = 0 V
-0.2 V
-0.4 V
-0.6 V
2.0
1.0
0
20
40
60
80
100
VDS = 2 V
0
-1.0
-2.0
0
20
40
60
TYPICAL PERFORMANCE CURVES (TA = 25°C)
VDS = 2 V
ID = 10 mA
MSG.
(S21S)2
24
30
20
14
10
8
6
4
2
1
4
8
12
16
20
RECOMMENDED
OPERATING CONDITIONS (TA = 25°C)
PART NUMBER
NE321000
SYMBOLS
PARAMETERS
UNITS MIN TYP MAX
VDS
Drain to Source Voltage
V
1
2
3
ID
Drain Current
mA
5
10
15
PIN
Input Power
dBm
0


유사한 부품 번호 - NE321000

제조업체부품명데이터시트상세설명
logo
NEC
NE321000 NEC-NE321000 Datasheet
48Kb / 12P
   C to Ka BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET CHIP
logo
California Eastern Labs
NE321000 CEL-NE321000 Datasheet
141Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
Renesas Technology Corp
NE321000 RENESAS-NE321000 Datasheet
215Kb / 14P
   HETERO JUNCTION FIELDEFFECT TRANSISTOR
1999
More results

유사한 설명 - NE321000

제조업체부품명데이터시트상세설명
logo
California Eastern Labs
NE24283B CEL-NE24283B Datasheet
49Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32400 NEC-NE32400_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE321000 CEL-NE321000 Datasheet
141Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32684A NEC-NE32684A Datasheet
194Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE24200 CEL-NE24200 Datasheet
47Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32484A NEC-NE32484A_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32984D NEC-NE32984D Datasheet
51Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32584C NEC-NE32584C_98 Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE32584 CEL-NE32584 Datasheet
58Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE24200 NEC-NE24200_00 Datasheet
46Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com