전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST49LF016C-33-4C-NHE 데이터시트(PDF) 5 Page - Silicon Storage Technology, Inc

부품명 SST49LF016C-33-4C-NHE
상세설명  16 Mbit LPC Serial Flash
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF016C-33-4C-NHE 데이터시트(HTML) 5 Page - Silicon Storage Technology, Inc

  SST49LF016C-33-4C-NHE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST49LF016C-33-4C-NHE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST49LF016C-33-4C-NHE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST49LF016C-33-4C-NHE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST49LF016C-33-4C-NHE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST49LF016C-33-4C-NHE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST49LF016C-33-4C-NHE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST49LF016C-33-4C-NHE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST49LF016C-33-4C-NHE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Data Sheet
16 Mbit LPC Serial Flash
SST49LF016C
5
©2006 Silicon Storage Technology, Inc.
S71237-07-000
9/06
FIGURE 9: LCLK Waveform (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
FIGURE 10: Reset Timing Diagram (LPC MODE) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
FIGURE 11: Output Timing parameters (LPC Mode). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
FIGURE 12: Input Timing Parameters (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
FIGURE 13: Input Timing Parameters (AAI Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
FIGURE 14: AC Input/Output Reference Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
FIGURE 15: A Test Load Example. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
LIST OF TABLES
TABLE 1: Pin Description. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
TABLE 2: Transfer Size Supported . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
TABLE 3: Firmware Memory Cycles START Field Definition. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
TABLE 4: Firmware Memory Read Cycle Field Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
TABLE 5: Firmware Memory Write Cycle. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
TABLE 6: Valid MSIZE field Values for Firmware Memory Cycles . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
TABLE 7: Firmware Memory Multiple Device Selection Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
TABLE 8: Software Command Sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
TABLE 9: Product Identification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
TABLE 10: Software Status Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
TABLE 11: Security ID Addresses . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
TABLE 12: General Purpose Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
TABLE 13: Multi-byte Read/Write Configuration Registers (Firmware Memory Cycle Only) . . . . . . . . . . . 20
TABLE 14: Block Locking Registers. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
TABLE 15: Block Locking Register Bits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
TABLE 16: Security ID Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
TABLE 17: JEDEC ID Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
TABLE 18: LD# Input and RY/BY# Status in AAI Mode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
TABLE 19: AAI Programming Cycle (initiated with WP#/AAI at VH ONLY) . . . . . . . . . . . . . . . . . . . . . . . . 25
TABLE 20: DC Operating Characteristics 33 MHz and 66 MHz (All Interfaces) . . . . . . . . . . . . . . . . . . . . 27
TABLE 21: Recommended System Power-up Timings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
TABLE 22: Pin Capacitance (VDD=3.3V, TA=25 °C, f=1 Mhz, other pins open) . . . . . . . . . . . . . . . . . . . . 27
TABLE 23: Reliability Characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
TABLE 24: Clock Timing Parameters (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
TABLE 25: Reset Timing Parameters, VDD=3.0-3.6V (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
TABLE 26: Read/Write Cycle Timing Parameters, VDD=3.0-3.6V (LPC Mode) . . . . . . . . . . . . . . . . . . . . . 30
TABLE 27: AC Input/Output Specifications (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
TABLE 28: Interface Measurement Condition Parameters (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . 31
TABLE 29: Input Cycle Timing Parameters, VDD=3.0-3.6V (AAI Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . 32
TABLE 30: Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37


유사한 부품 번호 - SST49LF016C-33-4C-NHE

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST49LF016C-33-4C-NHE MICROCHIP-SST49LF016C-33-4C-NHE Datasheet
340Kb / 43P
   16 Mbit LPC Serial Flash
02/16
More results

유사한 설명 - SST49LF016C-33-4C-NHE

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST49LF016C MICROCHIP-SST49LF016C Datasheet
340Kb / 43P
   16 Mbit LPC Serial Flash
02/16
SST49LF160C MICROCHIP-SST49LF160C Datasheet
301Kb / 37P
   16 Mbit LPC Flash
02/16
logo
Silicon Storage Technol...
SST49LF160C SST-SST49LF160C Datasheet
655Kb / 35P
   16 Mbit LPC Flash
SST49LF004C SST-SST49LF004C Datasheet
510Kb / 36P
   4 Mbit / 8 Mbit LPC Serial Flash
logo
Microchip Technology
SST49LF080A MICROCHIP-SST49LF080A Datasheet
341Kb / 50P
   8 Mbit LPC Flash
11/14
logo
Silicon Storage Technol...
SST49LF030A SST-SST49LF030A Datasheet
645Kb / 49P
   3 Mbit LPC Flash
SST49LF040 SST-SST49LF040 Datasheet
724Kb / 48P
   4 Mbit LPC Flash
SST49LF080A SST-SST49LF080A Datasheet
579Kb / 49P
   8 Mbit LPC Flash
SST49LF020A SST-SST49LF020A Datasheet
593Kb / 50P
   2 Mbit LPC Flash
SST49LF080A SST-SST49LF080A_06 Datasheet
589Kb / 49P
   8 Mbit LPC Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com