전자부품 데이터시트 검색엔진 |
|
SN74AC86PW 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
SN74AC86PW 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 16 page SN54AC86, SN74AC86 QUADRUPLE 2INPUT EXCLUSIVEOR GATES SCAS533C − AUGUST 1995 − REVISED OCTOBER 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D 2-V to 6-V VCC Operation D Inputs Accept Voltages to 6 V D Max tpd of 9 ns at 5 V SN54AC86 ... J OR W PACKAGE SN74AC86 ... D, DB, N, NS, OR PW PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1B 1Y 2A 2B 2Y GND VCC 4B 4A 4Y 3B 3A 3Y 3 2 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 4A NC 4Y NC 3B 1Y NC 2A NC 2B SN54AC86 . . . FK PACKAGE (TOP VIEW) NC − No internal connection description/ordering information The ’AC86 devices are quadruple 2-input exclusive-OR gates. The devices perform the Boolean function Y = A B or Y = AB + AB in positive logic. A common application is as a true/complement element. If one of the inputs is low, the other input is reproduced in true form at the output. If one of the inputs is high, the signal on the other input is reproduced inverted at the output. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP − N Tube SN74AC86N SN74AC86N SOIC − D Tube SN74AC86D AC86 SOIC − D Tape and reel SN74AC86DR AC86 −40 °C to 85°C SOP − NS Tape and reel SN74AC86NSR AC86 −40 C to 85 C SSOP − DB Tape and reel SN74AC86DBR AC86 TSSOP − PW Tube SN74AC86PW AC86 TSSOP − PW Tape and reel SN74AC86PWR AC86 CDIP − J Tube SNJ54AC86J SNJ54AC86J −55 °C to 125°C CFP − W Tube SNJ54AC86W SNJ54AC86W −55 C to 125 C LCCC − FK Tube SNJ54AC86FK SNJ54AC86FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Copyright 2003, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. On products compliant to MILPRF38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
유사한 부품 번호 - SN74AC86PW |
|
유사한 설명 - SN74AC86PW |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |