전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA0233DGQ 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA0233DGQ
상세설명  2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA0233DGQ 데이터시트(HTML) 1 Page - Texas Instruments

  TPA0233DGQ Datasheet HTML 1Page - Texas Instruments TPA0233DGQ Datasheet HTML 2Page - Texas Instruments TPA0233DGQ Datasheet HTML 3Page - Texas Instruments TPA0233DGQ Datasheet HTML 4Page - Texas Instruments TPA0233DGQ Datasheet HTML 5Page - Texas Instruments TPA0233DGQ Datasheet HTML 6Page - Texas Instruments TPA0233DGQ Datasheet HTML 7Page - Texas Instruments TPA0233DGQ Datasheet HTML 8Page - Texas Instruments TPA0233DGQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TPA0233
2-W MONO AUDIO POWER AMPLIFIER
WITH HEADPHONE DRIVE
SLOS278D – JANUARY 2000 – REVISED NOVEMBER 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Ideal for Notebook Computers, PDAs, and
Other Small Portable Audio Devices
D 2 W Into 4 Ω From 5-V Supply
D 0.6 W Into 4 Ω From 3-V Supply
D Stereo Head Phone Drive
D Mono (BTL) Signal Created by Summing
Left and Right Signals
D Wide Power Supply Compatibility
3 V to 5 V
D Meets PC99 Portable Specs (target)
D Low Supply Current
– 4 mA Typical at 5 V
– 3.3 mA Typical at 3 V
D Shutdown Control ...1 µA Typical
D Shutdown Pin is TTL Compatible
D –40°C to 85°C Operating Temperature
Range
D Space-Saving, Thermally-Enhanced MSOP
Packaging
description
The TPA0233 is a 2-W mono bridge-tied-load (BTL) amplifier designed to drive speakers with as low as 4-
impedance. The mono signal is created by summing left and right inputs. The amplifier can be reconfigured on
the fly to drive two stereo single-ended (SE) signals into head phones. This makes the device ideal for use in
small notebook computers, PDAs, digital personal audio players, anyplace a mono speaker and stereo
headphones are required. From a 5-V supply, the TPA0233 deliver 2 W of power into a 4-
Ω speaker.
The gain of the input stage is set by the user-selected input resistor and a 50-k
Ω internal feedback resistor
(AV = – RF/ RI). The power stage is internally configured with a gain of –1.25 V/V in SE mode, and –2.5 V/V in
BTL mode. Thus, the overall gain of the amplifier is 62.5 k
Ω/ RI in SE mode and 125 kΩ/ RI in BTL mode. The
input terminals are high-impedance CMOS inputs, and can be used as summing nodes.
The TPA0233 is available in the 10-pin thermally-enhanced MSOP package (DGQ) and operates over an
ambient temperature range of –40
°C to 85°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
10
9
8
7
6
FILT_CAP
SHUTDOWN
VDD
BYPASS
RIN
LO/MO–
LIN
GND
ST/MN
RO/MO+
DGQ PACKAGE
(TOP VIEW)


유사한 부품 번호 - TPA0233DGQ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA0233DGQ TI-TPA0233DGQ Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results

유사한 설명 - TPA0233DGQ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA0213 TI-TPA0213_15 Datasheet
791Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0243 TI-TPA0243 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223DGQR TI1-TPA0223DGQR Datasheet
878Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223 TI-TPA0223 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213 Datasheet
187Kb / 11P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_15 Datasheet
813Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213_07 Datasheet
703Kb / 24P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253 Datasheet
105Kb / 7P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253_15 Datasheet
593Kb / 13P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com