전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA301DGNG4 데이터시트(PDF) 1 Page - Texas Instruments

부품명 TPA301DGNG4
상세설명  350-mW MONO AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA301DGNG4 데이터시트(HTML) 1 Page - Texas Instruments

  TPA301DGNG4 Datasheet HTML 1Page - Texas Instruments TPA301DGNG4 Datasheet HTML 2Page - Texas Instruments TPA301DGNG4 Datasheet HTML 3Page - Texas Instruments TPA301DGNG4 Datasheet HTML 4Page - Texas Instruments TPA301DGNG4 Datasheet HTML 5Page - Texas Instruments TPA301DGNG4 Datasheet HTML 6Page - Texas Instruments TPA301DGNG4 Datasheet HTML 7Page - Texas Instruments TPA301DGNG4 Datasheet HTML 8Page - Texas Instruments TPA301DGNG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.ti.com
FEATURES
1
2
3
4
8
7
6
5
SHUTDOWN
BYPASS
IN+
IN-
VO-
GND
VDD
VO+
D OR DGN PACKAGE
(TOP VIEW)
DESCRIPTION
Audio
Input
Bias
Control
VDD
350 mW
6
5
7
VO+
VDD
1
2
4
BYPASS
IN -
VDD/2
CI
RI
CS
1
µF
CB
0.1
µF
RF
SHUTDOWN
VO-
8
GND
From System Control
3
IN+
-
+
-
+
TPA301
SLOS208E – JANUARY 1998 – REVISED JUNE 2004
350-mW MONO AUDIO POWER AMPLIFIER
Fully Specified for 3.3-V and 5-V Operation
Wide Power Supply Compatibility 2.5 V - 5.5 V
Output Power for RL = 8 Ω
– 350 mW at VDD = 5 V, BTL
– 250 mW at VDD = 3.3 V, BTL
Ultra-Low Quiescent Current in Shutdown
Mode . . . 0.15 µA
Thermal and Short-Circuit Protection
Surface-Mount Packaging
– SOIC
– PowerPAD™ MSOP
The TPA301 is a bridge-tied load (BTL) audio power amplifier developed especially for low-voltage applications
where internal speakers are required. Operating with a 3.3-V supply, the TPA301 can deliver 250-mW of
continuous power into a BTL 8-
Ω load at less than 1% THD+N throughout voice band frequencies. Although this
device is characterized out to 20 kHz, its operation was optimized for narrower band applications such as cellular
communications. The BTL configuration eliminates the need for external coupling capacitors on the output in
most applications, which is particularly important for small battery-powered equipment. This device features a
shutdown mode for power-sensitive applications with a quiescent current of 0.15 µA during shutdown. The
TPA301 is available in an 8-pin SOIC surface-mount package and the surface-mount PowerPAD MSOP, which
reduces board space by 50% and height by 40%.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © –2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TPA301DGNG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA301DGN TI-TPA301DGN Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA301DGNG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301 Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA311 TI-TPA311 Datasheet
579Kb / 32P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_15 Datasheet
784Kb / 29P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321_07 Datasheet
709Kb / 26P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321 Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321_15 Datasheet
1,008Kb / 30P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com