전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA711DR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA711DR
상세설명  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA711DR 데이터시트(HTML) 1 Page - Texas Instruments

  TPA711DR Datasheet HTML 1Page - Texas Instruments TPA711DR Datasheet HTML 2Page - Texas Instruments TPA711DR Datasheet HTML 3Page - Texas Instruments TPA711DR Datasheet HTML 4Page - Texas Instruments TPA711DR Datasheet HTML 5Page - Texas Instruments TPA711DR Datasheet HTML 6Page - Texas Instruments TPA711DR Datasheet HTML 7Page - Texas Instruments TPA711DR Datasheet HTML 8Page - Texas Instruments TPA711DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TPA711
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
SLOS230D – NOVEMBER 1998 – REVISED OCTOBER 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Fully Specified for 3.3-V and 5-V Operation
D Wide Power Supply Compatibility
2.5 V – 5.5 V
D Output Power
– 700 mW at VDD = 5 V, BTL, RL = 8 Ω
– 85 mW at VDD = 5 V, SE, RL = 32 Ω
– 250 mW at VDD = 3.3 V, BTL, RL = 8 Ω
– 37 mW at VDD = 3.3 V, SE, RL = 32 Ω
D Shutdown Control
– IDD = 7 µA at 3.3 V
– IDD = 50 µA at 5 V
D BTL to SE Mode Control
D Integrated Depop Circuitry
D Thermal and Short-Circuit Protection
D Surface-Mount Packaging
– SOIC
– PowerPAD
 MSOP
description
The TPA711 is a bridge-tied load (BTL) or
single-ended (SE) audio power amplifier devel-
oped especially for low-voltage applications where internal speakers and external earphone operation are
required. Operating with a 3.3-V supply, the TPA711 can deliver 250-mW of continuous power into a BTL 8-
load at less than 0.6% THD+N throughout voice band frequencies. Although this device is characterized out
to 20 kHz, its operation is optimized for narrower band applications such as wireless communications. The BTL
configuration eliminates the need for external coupling capacitors on the output in most applications, which is
particularly important for small battery-powered equipment. A unique feature of the TPA711 is that it allows the
amplifier to switch from BTL to SE on the fly when an earphone drive is required. This eliminates complicated
mechanical switching or auxiliary devices just to drive the external load. This device features a shutdown mode
for power-sensitive applications with special depop circuitry to eliminate speaker noise when exiting shutdown
mode. The TPA711 is available in an 8-pin SOIC and the surface-mount PowerPAD MSOP package, which
reduces board space by 50% and height by 40%.
Audio
Input
Bias
Control
VDD
700 mW
6
5
7
VO+
VDD
3
1
2
4
BYPASS
IN
SE/BTL
VDD/2
CI
RI
CS
CB
RF
SHUTDOWN
From HP Jack
VO–8
GND
From System Control
+
+
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
SHUTDOWN
BYPASS
SE/BTL
IN
VO
GND
VDD
VO+
D OR DGN PACKAGE
(TOP VIEW)
PowerPAD is a trademark of Texas Instruments.


유사한 부품 번호 - TPA711DR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA711D TI-TPA711D Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711DGN TI-TPA711DGN Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA711DR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_07 Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711_15 Datasheet
1Mb / 39P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_07 Datasheet
726Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_15 Datasheet
774Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com