전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6030A4PWPG4 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA6030A4PWPG4
상세설명  3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA6030A4PWPG4 데이터시트(HTML) 4 Page - Texas Instruments

  TPA6030A4PWPG4 Datasheet HTML 1Page - Texas Instruments TPA6030A4PWPG4 Datasheet HTML 2Page - Texas Instruments TPA6030A4PWPG4 Datasheet HTML 3Page - Texas Instruments TPA6030A4PWPG4 Datasheet HTML 4Page - Texas Instruments TPA6030A4PWPG4 Datasheet HTML 5Page - Texas Instruments TPA6030A4PWPG4 Datasheet HTML 6Page - Texas Instruments TPA6030A4PWPG4 Datasheet HTML 7Page - Texas Instruments TPA6030A4PWPG4 Datasheet HTML 8Page - Texas Instruments TPA6030A4PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
TPA6030A4
SLOS395B − DECEMBER 2002 − REVISED JANUARY 2005
www.ti.com
4
OPERATING CHARACTERISTICS
TA = 25°C, RL = 16 Ω, Volume = 8.13 dB, unless otherwise noted3
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V
12 V
THD=1%, f = 1 kHz
2.2
P
Output power
VCC = 12 V
THD=10%, f = 1 kHz
3
W
PO
Output power
V
15 V
THD=1%, f = 1 kHz
4(1,2)
W
VCC = 15 V
THD=10%, f = 1 kHz
5(1,2)
THD+N Total harmonic distortion plus noise
PO = 1 W,
f = 20 Hz to 20 kHz
0.1%
BOM
Maximum output power bandwidth
THD+N < 10%
VCC = 7 V to 15 V
20
kHz
f = 20 Hz−20 kHz,
VCC = 7 V
−58
kSVR
Supply ripple rejection ratio
f = 20 Hz−20 kHz,
C(BYPASS) = 1 µF,
VCC = 12 V
−60
dB
kSVR
Supply ripple rejection ratio
C(BYPASS) 1 µF,
V(ripple) = 100 mVrms, BTL
VCC = 15 V
−60
dB
Xtalk
Channel to channel output separation
f = 1 kHz,
BTL,
Volume = 0.53 dB
−110
dB
SNR
Signal to noise ratio
f = 20 Hz to 20 kHz,
BTL, Inputs ac grounded,
Volume = 0.53 dB
102.5
dBV
SNR
Signal-to-noise ratio
BTL, Inputs ac grounded,
THD+N = 0.5%,
PO = 2.35 W
Volume = 36 dB
83
dBV
Attenuation, input to output in shutdown
SE, f = 20 Hz−20 kHz, RL = 32 Ω, Volume = 30 dB
73
dB
Attenuation, input to output in shutdown
mode
BTL, f = 20 Hz−20 kHz, RL = 16 Ω, Volume = 36 dB
110
dB
(1) At TA = 25°C, a derating factor of 48 mW/°C is necessary in order for the device to function properly in this configuration.
(2) If used on a board with a layout set forth on page 33 of the PowerPAD Thermally Enhanced Package Application Report (literature number
SLMA002) to achieve a derating factor of 35.8mW/°C, it is possible to operate the device at these output power levels so long as it is in a mono,
BTL configuration.


유사한 부품 번호 - TPA6030A4PWPG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6030A4PWP TI-TPA6030A4PWP Datasheet
214Kb / 27P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

유사한 설명 - TPA6030A4PWPG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6030A4 TI-TPA6030A4 Datasheet
214Kb / 27P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4 TI1-TPA6013A4_16 Datasheet
1Mb / 30P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6021A4 TI-TPA6021A4 Datasheet
1Mb / 26P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com