전자부품 데이터시트 검색엔진 |
|
TL750L08CKC 데이터시트(PDF) 2 Page - Texas Instruments |
|
TL750L08CKC 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 20 page www.ti.com TL750L, TL751L SERIES LOW-DROPOUT VOLTAGE REGULATORS SLVS017S – SEPTEMBER 1987 – REVISED AUGUST 2005 ORDERING INFORMATION VO TYP TJ PACKAGE(1) ORDERABLE PART NUMBER(2) TOP-SIDE MARKING AT 25 °C PowerFLEX™ – KTE Reel of 2000 TL750L05CKTER TL750L05C Tube of 75 TL750L05CD 50L05C Reel of 2500 TL750L05CDR SOIC – D Tube of 75 TL751L05CD 5 V 51L05C Reel of 2500 TL751L05CDR Bulk of 1000 TL750L05CLP TO-226/TO-92 – LP 750L05C Reel of 2000 TL750L05CLPR TO-220 – KC Tube of 50 TL750L05CKC TL750L05C Tube of 75 TL750L08CD SOIC – D 50L08C 8 V Reel of 2500 TL750L08CDR TO-226/TO-92 – LP Bulk of 1000 TL750L08CLP 750L08C 0 °C to 125°C PDIP – P Tube of 50 TL751L10CP TL751L10C Tube of 75 TL750L10CD 50L10C Reel of 2500 TL750L10CDR SOIC – D 10 V Tube of 75 TL751L10CD 51L10C Reel of 2500 TL751L10CDR Bulk of 1000 TL750L10CLP TO-226/TO-92 – LP 750L10C Reel of 2000 TL750L10CLPR Tube of 75 TL750L12CD 50L12C Reel of 2500 TL750L12CDR SOIC – D 12 V Tube of 75 TL751L12CD 51L12C Reel of 2500 TL751L12CDR TO-226/TO-92 – LP Bulk of 1000 TL750L12CLP 750L12C (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. (2) For the most current ordering information, see the Package Option Addendum at the end of this data sheet. DEVICE COMPONENT COUNT Transistors 20 JFETs 2 Diodes 5 Resistors 16 2 |
유사한 부품 번호 - TL750L08CKC |
|
유사한 설명 - TL750L08CKC |