전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5099EMTCX 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 FAN5099EMTCX
상세설명  Wide Frequency Synchronous Buck PWM AND LDO Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5099EMTCX 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5099EMTCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5099EMTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5099EMTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5099EMTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5099EMTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5099EMTCX Datasheet HTML 9Page - Fairchild Semiconductor FAN5099EMTCX Datasheet HTML 10Page - Fairchild Semiconductor FAN5099EMTCX Datasheet HTML 11Page - Fairchild Semiconductor FAN5099EMTCX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5099 Rev. 1.1.3
8
Typical Performance Characteristics (Continued)
VIN=12V, Vdd=5V, VOUT=1.5V, Vldo=1.2V, Iload=5A, Ildo=2A, Fosc = 300kHz, unless otherwise noted.
Figure 9. PWM/LDO Power Up
Figure 10. PWM/LDO Power Down
Figure 11. Auto Restart
Figure 12. Enable On (IPWM = 5A)
Figure 13. Enable Off (IPWM = 5A)
Figure 14. PWM Line Regulation
Ch1: VOUT; Ch2:VOUT_LDO; Ch3: SS
Ch1: VOUT; Ch2: VOUT_LDO; Ch3: SS
Ch1: EN; Ch2: SS; Ch3: VOUT; Ch4: IL, 25A/div
Ch1: VOUT; Ch2: SS; Ch3: EN
Ch1: VOUT; Ch2: SS; Ch3: EN


유사한 부품 번호 - FAN5099EMTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5099EMTCX FAIRCHILD-FAN5099EMTCX Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
More results

유사한 설명 - FAN5099EMTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099_08 Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232_07 Datasheet
387Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232A RICHTEK-RT9232A Datasheet
386Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232B RICHTEK-RT9232B Datasheet
304Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com