전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4148 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 1N4148
상세설명  Small Signal Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4148 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  1N4148 Datasheet HTML 1Page - Fairchild Semiconductor 1N4148 Datasheet HTML 2Page - Fairchild Semiconductor 1N4148 Datasheet HTML 3Page - Fairchild Semiconductor 1N4148 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
1N/FDLL 914/A/B / 916/A/B / 4148 / 4448 Rev. B2
January 2007
1N/FDLL 914/A/B / 916/A/B / 4148 / 4448
Small Signal Diode
Absolute Maximum Ratings* T
a=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
Parameter
Value
Units
VRRM
Maximum Repetitive Reverse Voltage
100
V
IO
Average Rectified Forward Current
200
mA
IF
DC Forward Current
300
mA
if
Recurrent Peak Forward Current
400
mA
IFSM
Non-repetitive Peak Forward Surge Current
Pulse Width = 1.0 second
Pulse Width = 1.0 microsecond
1.0
4.0
A
A
TSTG
Storage Temperature Range
-65 to + 175
°C
TJ
Operating Junction Tempera
-65 to + 175
°C
Symbol
Parameter
Max.
Units
1N/FDLL 914/A/B / 4148 / 4448
PD
Power Dissipation
500
mW
RθJA
Thermal Resistance, Junction to Ambient
300
°C/W
LL-34
THE PLACEMENT OF THE EXPANSION GAP
HAS NO RELATIONSHIP TO THE LOCATION
OF THE CATHODE TERMINAL
LL-34 COLOR BAND MARKING
DEVICE
1ST BAND
2ND BAND
FDLL914
BLACK
BROWN
FDLL914A
BLACK
GRAY
DO-35
FDLL914B
BROWN
BLACK
FDLL916
BLACK
RED
FDLL916A
BLACK
WHITE
FDLL916B
BROWN
BROWN
FDLL4148
BLACK
BROWN
FDLL4448
BROWN
BLACK
-1st band denotes cathode terminal
and has wider width
Cathode is denoted with a black band


유사한 부품 번호 - 1N4148

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
logo
Zhaoxingwei Electronics...
1N4148 ZHAOXINGWEI-1N4148 Datasheet
45Kb / 1P
   Silicon Epitaxial Planar Diode
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
69Kb / 7P
   High-speed diodes
1996 Apr 15
1N4148 PHILIPS-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
logo
SynSemi, Inc.
1N4148 SYNSEMI-1N4148 Datasheet
31Kb / 2P
   HIGH SPEED SWITCHING DIODE
More results

유사한 설명 - 1N4148

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
1N456A FAIRCHILD-1N456A Datasheet
25Kb / 2P
   Small Signal Diode
1N459_0412 FAIRCHILD-1N459_0412 Datasheet
28Kb / 2P
   Small Signal Diode
BAV19 FAIRCHILD-BAV19_01 Datasheet
61Kb / 4P
   Small Signal Diode
BAS16 FAIRCHILD-BAS16 Datasheet
48Kb / 4P
   Small Signal Diode
FDLL4151 FAIRCHILD-FDLL4151 Datasheet
20Kb / 2P
   Small Signal Diode
1N485B FAIRCHILD-1N485B Datasheet
61Kb / 2P
   Small Signal Diode
1N4305 FAIRCHILD-1N4305 Datasheet
27Kb / 2P
   Small Signal Diode
1N4447 FAIRCHILD-1N4447_11 Datasheet
96Kb / 2P
   Small Signal Diode
1N4148TA FAIRCHILD-1N4148TA Datasheet
137Kb / 6P
   Small Signal Diode
logo
Gaomi Xinghe Electronic...
1N4148WS GXELECTRONICS-1N4148WS Datasheet
544Kb / 2P
   Small Signal Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com