전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2000D1GQCR 데이터시트(PDF) 11 Page - Texas Instruments

부품명 TPA2000D1GQCR
상세설명  2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D1GQCR 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPA2000D1GQCR Datasheet HTML 7Page - Texas Instruments TPA2000D1GQCR Datasheet HTML 8Page - Texas Instruments TPA2000D1GQCR Datasheet HTML 9Page - Texas Instruments TPA2000D1GQCR Datasheet HTML 10Page - Texas Instruments TPA2000D1GQCR Datasheet HTML 11Page - Texas Instruments TPA2000D1GQCR Datasheet HTML 12Page - Texas Instruments TPA2000D1GQCR Datasheet HTML 13Page - Texas Instruments TPA2000D1GQCR Datasheet HTML 14Page - Texas Instruments TPA2000D1GQCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
EFFECTS OF APPLYING A SQUARE WAVE INTO A SPEAKER
PSPKR = PSUP – PSUP THEORETICAL (at max output power)
(1)
PSPKR = POUT(PSUP / POUT – PSUP THEORETICAL / POUT) (at max output power)
(2)
PSPKR = POUT(1/ηMEASURED – 1/ηTHEORETICAL) (at max output power)
(3)
WHEN TO USE AN OUTPUT FILTER
C2
C1
L1
L2
OUT–
OUT+
TPA2000D1
SLOS328F – JUNE 2000 – REVISED MARCH 2004
APPLICATION INFORMATION (continued)
Audio specialists advise not to apply a square wave to speakers. If the amplitude of the waveform is high enough
and the frequency of the square wave is within the bandwidth of the speaker, the square wave could cause the
voice coil to jump out of the air gap and/or scar the voice coil. A 250-kHz switching frequency, however, is not
significant because the speaker cone movement is proportional to 1/f2 for frequencies beyond the audio band.
Therefore, the amount of cone movement at the switching frequency is very small. However, damage could
occur to the speaker if the voice coil is not designed to handle the additional power. To size the speaker for
added power, the ripple current dissipated in the load needs to be calculated by subtracting the theoretical
supplied power (PSUP THEORETICAL) from the actual supply power (PSUP) at maximum output power (POUT). The
switching power dissipated in the speaker is the inverse of the measured efficiency (
η
MEASURED) minus the
theoretical efficiency (
η
THEORETICAL) all multiplied by POUT.
The maximum efficiency of the TPA2000D1 with an 8-
Ω load is 85%. Using Equation 3 with the efficiency at
maximum power (78%), we see that there is an additional 106 mW dissipated in the speaker. The added power
dissipated in the speaker is not an issue as long as it is taken into account when choosing the speaker.
Design the TPA2000D1 without the filter if the traces from amplifier to speaker are short. The TPA2000D1
passed FCC and CE radiated emissions with no shielding with speaker wires eight inches long or less. Notebook
PCs and powered speakers where the speaker is in the same enclosure as the amplifier are good applications
for class-D without a filter.
A ferrite bead filter (shown in Figure 11) can often be used if the design is failing radiated emissions without a
filter, and the frequency sensitive circuit is greater than 1 MHz. This is good for circuits that just have to pass
FCC and CE because FCC and CE only test radiated emissions greater than 30 MHz. If choosing a ferrite bead,
choose one with high impedance at high frequencies, but low impedance at low frequencies.
Use an LC output filter if there are low frequency (<1 MHz) EMI sensitive circuits and/or there are long leads
from amplifier to speaker.
The LC output filter is shown in Figure 11.
L1 = L2 = 22 µH (DCR = 110 m
Ω, part number = SCD0703T-220 M-S, manufacturer = GCI)
C1 = C2 = 1 µF
The ferrite filter is shown in Figure 11, where L is a ferrite bead.
L1 = L2 = ferrite bead (part number = MPZ1608S221, manufacturer = TDK)
C1 = C2 = 1 nF
Figure 11. Class-D Output Filter
11


유사한 부품 번호 - TPA2000D1GQCR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2000D1GQC TI-TPA2000D1GQC Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA2000D1GQCR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_15 Datasheet
807Kb / 24P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com