전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2005D1ZQYR 데이터시트(PDF) 7 Page - Texas Instruments

부품명 TPA2005D1ZQYR
상세설명  1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA2005D1ZQYR 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TPA2005D1ZQYR Datasheet HTML 3Page - Texas Instruments TPA2005D1ZQYR Datasheet HTML 4Page - Texas Instruments TPA2005D1ZQYR Datasheet HTML 5Page - Texas Instruments TPA2005D1ZQYR Datasheet HTML 6Page - Texas Instruments TPA2005D1ZQYR Datasheet HTML 7Page - Texas Instruments TPA2005D1ZQYR Datasheet HTML 8Page - Texas Instruments TPA2005D1ZQYR Datasheet HTML 9Page - Texas Instruments TPA2005D1ZQYR Datasheet HTML 10Page - Texas Instruments TPA2005D1ZQYR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.ti.com
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
8
12
16
20
24
28
32
VDD = 5 V
VDD = 3.6 V
VDD = 2.5 V
RL - Load Resistance - Ω
f = 1 kHz
THD+N = 10%
Gain = 2 V/V
0.1
30
0.2
0.5
1
2
5
10
20
0.01
2
0.1
1
PO − Output Power − W
5 V
3.6 V
2.5 V
RL = 8 Ω,
f = 1 kHz,
Gain = 2 V/V
0.1
30
0.2
0.5
1
2
5
10
20
0.01
2
0.1
1
PO − Output Power − W
5 V
3.6 V
2.5 V
RL = 16 Ω,
f = 1 kHz,
Gain = 2 V/V
0.008
10
0.02
0.05
0.1
0.2
0.5
1
2
5
20
100
1 k
20 k
f − Frequency − Hz
50 mW
250 mW
1 W
VDD = 5 V
CI = 2 µF
RL = 8 Ω
Gain = 2 V/V
1
2
5
10
0.5
0.2
0.1
0.05
0.02
0.01
20
100
1 k
20 k
f − Frequency − Hz
VDD = 3.6 V
CI = 2 µF
RL = 8 Ω
Gain = 2 V/V
500 mW
25 mW
125 mW
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
20
100
1 k
20 k
f − Frequency − Hz
15 mW
VDD = 2.5 V
CI = 2 µF
RL = 8 Ω
Gain = 2 V/V
75 mW
200 mW
0.1
1
10
0
0.5
1
1.5
2
2.5
3
3.5
VDD = 2.5 V
VDD = 3.6 V
f = 1 kHz
PO = 200 mW
VIC - Common Mode Input Voltage - V
−80
−70
−60
−50
−40
−30
−20
−10
0
20
100
1 k
20 k
f − Frequency − Hz
CI = 2 µF
RL = 8 Ω
Vp-p = 200 mV
Inputs ac-Grounded
Gain = 2 V/V
VDD = 5 V
VDD = 3.6 V
VDD =2. 5 V
VDD = 3.6 V
CI = 2 µF
RL = 16 Ω
Gain = 2 V/V
f − Frequency − Hz
1
2
5
10
0.5
0.2
0.1
0.05
0.02
0.01
20
100
1 k
20 k
15 mW
75 mW
200 mW
TPA2005D1-Q1
SLOS474 – AUGUST 2005
OUTPUT POWER
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
vs
NOISE
NOISE
LOAD RESISTANCE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 10.
Figure 11.
Figure 12.
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
NOISE
NOISE
NOISE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
SUPPLY-VOLTAGE REJECTION
NOISE
NOISE
RATIO
vs
vs
vs
FREQUENCY
COMMON MODE INPUT VOLTAGE
FREQUENCY
Figure 16.
Figure 17.
Figure 18.
7


유사한 부품 번호 - TPA2005D1ZQYR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2005D1ZQYR TI1-TPA2005D1ZQYR Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1ZQYR TI1-TPA2005D1ZQYR Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
TPA2005D1ZQYRG1 TI1-TPA2005D1ZQYRG1 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA2005D1ZQYR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com