전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3002D2 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3002D2
상세설명  9-W STEREO CLASS-D AUDIO POWER AMPLFIER WITH DC VOLUME CONTROL
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA3002D2 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TPA3002D2 Datasheet HTML 2Page - Texas Instruments TPA3002D2 Datasheet HTML 3Page - Texas Instruments TPA3002D2 Datasheet HTML 4Page - Texas Instruments TPA3002D2 Datasheet HTML 5Page - Texas Instruments TPA3002D2 Datasheet HTML 6Page - Texas Instruments TPA3002D2 Datasheet HTML 7Page - Texas Instruments TPA3002D2 Datasheet HTML 8Page - Texas Instruments TPA3002D2 Datasheet HTML 9Page - Texas Instruments TPA3002D2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
TPA3002D2
SLOS402C − DECEMBER 2002 − REVISED JANUARY 2004
www.ti.com
6
DC ELECTRICAL CHARACTERISTICS
TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
| VOS |
Class-D Output offset voltage
(measured differentially)
INN and INP connected together,
Gain = 36 dB
10
65
mV
V2P5 (terminal 4)
2.5-V Bias voltage
No load
0.45x
AVDD
0.5x
AVDD
0.55x
AVDD
V
AVDD
5-V Regulated output
IO = 0 to 100 mA, SD = 2 V,
VCC = 8 V to 14 V
4.5
5.0
5.5
V
PSRR
Class-D power supply rejection ratio
VCC = 11.5 V to 12.5 V
−80
dB
ICC(class-D)
Class-D mode quiescent current
MODE = 2 V, SD = 2 V
16
28.5
mA
ICC(varout)
Variable output mode quiescent current
MODE = 3.5 V, SD = 2 V
7
9
mA
ICC(class-D – max power)
Class-D mode RMS current at max
power
RL = 8 Ω, PO = 9 W
2
A
ICC(SD)
Supply current in shutdown mode
SD = 0.8 V
1
10
uA
VCC = 12 V,
High side
300
rds(on)
Drain-source on-state resistance
VCC = 12 V,
IO = 1 A,
T = 25 C
Low side
250
m
rds(on)
Drain-source on-state resistance
IO = 1 A,
TJ = 25°C
Total
550
590
m
AC ELECTRICAL CHARACTERISTICS FOR CLASS-D OUTPUTS
TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
kSVR
Supply ripple rejection ratio
VCC = 11.5 V to 12.5 V from 10 Hz to 1 kHz,
Gain = 36 dB
−67
dB
PO
Continuous output power
THD+N = 1%, f = 1 kHz, RL = 8 Ω
7.5
W
PO
Continuous output power
THD+N = 10%, f = 1 kHz, RL = 8 Ω
9
W
20 Hz to 22 kHz, No filter, Gain = 0.5 dB
79
µV
Vn
Output integrated noise floor
20 Hz to 22 kHz, No filter, Gain = 0.5 dB
−82
dBV
Vn
Output integrated noise floor
20 Hz to 22 kHz, A-weighted filter,
100
µV
20 Hz to 22 kHz, A-weighted filter,
Gain = 13.2 dB
−80
dBV
Crosstalk, Class-D−Left
→ Class-D−Right
Gain = 13.2 dB, PO = 1 W, RL = 8 Ω
−77
dB
Crosstalk, Class-D
→ VAROUT
Maximum output at THD < 0.5%, Gain = 36 dB
−63
dB
SNR
Signal-to-noise ratio
Maximum output at THD+N < 0.5%,
f= 1 kHz, Gain = 36 dB
96
dB
Thermal trip point
150
°C
Thermal hystersis
20
°C
CHARACTERISTICS FOR VAROUT OUTPUTS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
|VOS|
Output offset voltage
Measured between V2P5 and VAROUT,
Gain = 20 dB, RL = 10 kΩ
10
mV
THD+N
Total harmonic distortion + noise
AV = 7.3 dB, f = 1 kHz, PO = 6 mW, RL = 32 Ω
0.025%
THD+N
Total harmonic distortion + noise
AV = 7.3 dB, f = 1 kHz, RL = 2 kΩ, VO = 1 Vrms
0.002%
PSRR
DC power supply rejection ratio
Gain = 20 dB
−74
dB
kSVR
Supply ripple rejection ratio
Gain = 20 dB, f = 1 kHz
−95
dB
Crosstalk, VAROUTL
→ VAROUTR
Maximum output at THD < 0.5%, Gain = 20 dB
−60
dB
Crosstalk, VAROUT
→ Class-D
Maximum output at THD < 0.5%, Gain = 20 dB
−74
dB
Vn
Output integrated noise floor
20 Hz to 22 kHz, Gain = 20 dB
75
V
Vn
Output integrated noise floor
20 Hz to 22 kHz, Gain = −0.3 dB
15
µV


유사한 부품 번호 - TPA3002D2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3002D2 TI-TPA3002D2 Datasheet
372Kb / 34P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3002D2PHP TI-TPA3002D2PHP Datasheet
372Kb / 34P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results

유사한 설명 - TPA3002D2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3002D2 TI-TPA3002D2 Datasheet
372Kb / 34P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_07 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004 TI-TPA3004 Datasheet
696Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_07 Datasheet
644Kb / 24P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_15 Datasheet
879Kb / 47P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
   10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
   10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com