전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L7824ACV 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 L7824ACV
상세설명  Precision 1A regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7824ACV 데이터시트(HTML) 4 Page - STMicroelectronics

  L7824ACV Datasheet HTML 1Page - STMicroelectronics L7824ACV Datasheet HTML 2Page - STMicroelectronics L7824ACV Datasheet HTML 3Page - STMicroelectronics L7824ACV Datasheet HTML 4Page - STMicroelectronics L7824ACV Datasheet HTML 5Page - STMicroelectronics L7824ACV Datasheet HTML 6Page - STMicroelectronics L7824ACV Datasheet HTML 7Page - STMicroelectronics L7824ACV Datasheet HTML 8Page - STMicroelectronics L7824ACV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Maximum ratings
L7800AB/AC series
4/28
2
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC Input voltage
for VO= 5 to 18V
35
V
for VO= 20, 24V
40
IO
Output current
Internally Limited
mA
PD
Power dissipation
Internally Limited
mW
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
for L7800AC
0 to 150
°C
for L7800AB
-40 to 125
Table 2.
Thermal Data
Symbol
Parameter
TO-220
TO-220FP
D2PAK
Unit
RthJC
Thermal resistance junction-case
3
5
3
°C/W
RthJA
Thermal resistance junction-ambient
50
60
62.5
°C/W
Figure 3.
Application circuits


유사한 부품 번호 - L7824ACV

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L7824ACV STMICROELECTRONICS-L7824ACV Datasheet
108Kb / 17P
   PRECISION 1A REGULATORS
L7824ACV STMICROELECTRONICS-L7824ACV Datasheet
780Kb / 26P
   Precision 1 A regulators
L7824ACV STMICROELECTRONICS-L7824ACV Datasheet
2Mb / 57P
   Positive voltage regulator ICs
March 2013 Rev 31
L7824ACV STMICROELECTRONICS-L7824ACV Datasheet
1Mb / 55P
   Positive voltage regulator ICs
Rev 36 - September 2018
L7824ACV-DG STMICROELECTRONICS-L7824ACV-DG Datasheet
2Mb / 57P
   Positive voltage regulator ICs
March 2013 Rev 31
More results

유사한 설명 - L7824ACV

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L7800AB STMICROELECTRONICS-L7800AB Datasheet
108Kb / 17P
   PRECISION 1A REGULATORS
logo
Rohm
BA17805CP-E2 ROHM-BA17805CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 1A Output 78 series Regulators
logo
Global Mixed-mode Techn...
G78MXX GMT-G78MXX Datasheet
78Kb / 1P
   1A Positive Voltage Regulators
logo
List of Unclassifed Man...
SE8117 ETC-SE8117 Datasheet
162Kb / 5P
   1A Positive Voltage Regulators
logo
ACE Technology Co., LTD...
ACE1117 ACE-ACE1117_12 Datasheet
395Kb / 8P
   1A Positive Voltage Regulators
VER 1.4
ACE1117 ACE-ACE1117 Datasheet
270Kb / 8P
   1A Positive Voltage Regulators
VER 1.3
logo
Seaward Electronics Inc...
SE8117B SEAWARD-SE8117B Datasheet
407Kb / 7P
   1A Positive Voltage Regulators
logo
List of Unclassifed Man...
CYT8117 ETC2-CYT8117 Datasheet
1Mb / 6P
   1A Positive Voltage Regulators
logo
E-CMOS Corporation
EC50117E E-CMOS-EC50117E Datasheet
637Kb / 6P
   1A Positive Voltage Regulators
logo
Seaward Electronics Inc...
SE8117 SEAWARD-SE8117 Datasheet
361Kb / 8P
   1A Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com