전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB60NH02L 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 STB60NH02L
상세설명  N-CHANNEL 24V - 0.0085 ohm - 60A D2PAK STripFET TM III POWER MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB60NH02L 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button STB60NH02L Datasheet HTML 3Page - STMicroelectronics STB60NH02L Datasheet HTML 4Page - STMicroelectronics STB60NH02L Datasheet HTML 5Page - STMicroelectronics STB60NH02L Datasheet HTML 6Page - STMicroelectronics STB60NH02L Datasheet HTML 7Page - STMicroelectronics STB60NH02L Datasheet HTML 8Page - STMicroelectronics STB60NH02L Datasheet HTML 9Page - STMicroelectronics STB60NH02L Datasheet HTML 10Page - STMicroelectronics STB60NH02L Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7/11
STB60NH02L
DIM.
mm.
inch.
MIN.
TYP.
MAX.
MIN.
TYP.
TYP.
A
4.4
4.6
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.7
0.93
0.028
0.037
B2
1.14
1.7
0.045
0.067
C
0.45
0.6
0.018
0.024
C2
1.21
1.36
0.048
0.054
D
8.95
9.35
0.352
0.368
D1
8
0.315
E
10
10.4
0.394
0.409
E1
8.5
0.334
G
4.88
5.28
0.192
0.208
L
15
15.85
0.591
0.624
L2
1.27
1.4
0.050
0.055
L3
1.4
1.75
0.055
0.069
M
2.4
3.2
0.094
0.126
R
0.4
0.015
V2
D2PAK MECHANICAL DATA


유사한 부품 번호 - STB60NH02L

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STB60NH02L STMICROELECTRONICS-STB60NH02L Datasheet
423Kb / 11P
   N-CHANNEL 24V - 0.0085 ohm - 60A D짼PAK STripFET??III POWER MOSFET
More results

유사한 설명 - STB60NH02L

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STB60NH02L STMICROELECTRONICS-STB60NH02L Datasheet
423Kb / 11P
   N-CHANNEL 24V - 0.0085 ohm - 60A D짼PAK STripFET??III POWER MOSFET
STB100NH02L STMICROELECTRONICS-STB100NH02L Datasheet
409Kb / 13P
   N-CHANNEL 24V - 0.0052ohm - 60A D2PAK STripFET TM III POWER MOSFET
STB75NH02L STMICROELECTRONICS-STB75NH02L_06 Datasheet
410Kb / 13P
   N-Channel 24V - 0.0062ohm - 60A - D2PAK STripFET TM III Power MOSFET
STD50NH02L STMICROELECTRONICS-STD50NH02L Datasheet
534Kb / 12P
   N-CHANNEL 24V - 0.0085 ohm - 50A DPAK/IPAK STripFET??III POWER MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
   N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L Datasheet
510Kb / 12P
   N-CHANNEL 24V - 0.0052 ohm - 60A DPAK/IPAK STripFET??III POWER MOSFET
STB75NH02L STMICROELECTRONICS-STB75NH02L Datasheet
319Kb / 8P
   N-CHANNEL 24V - 0.0062W -75A - D2PAK STripFET??III POWER MOSFET
STB60NF03L STMICROELECTRONICS-STB60NF03L Datasheet
48Kb / 6P
   N-CHANNEL 30V - 0.008 ohm - 60A D2PAK STripFET POWER MOSFET
STB300NH02L STMICROELECTRONICS-STB300NH02L Datasheet
474Kb / 14P
   N-channel 24V - 120A - TO-220 / D2PAK STripFET TM Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com