전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC08IE120HP 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STC08IE120HP
상세설명  Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC08IE120HP 데이터시트(HTML) 4 Page - STMicroelectronics

  STC08IE120HP Datasheet HTML 1Page - STMicroelectronics STC08IE120HP Datasheet HTML 2Page - STMicroelectronics STC08IE120HP Datasheet HTML 3Page - STMicroelectronics STC08IE120HP Datasheet HTML 4Page - STMicroelectronics STC08IE120HP Datasheet HTML 5Page - STMicroelectronics STC08IE120HP Datasheet HTML 6Page - STMicroelectronics STC08IE120HP Datasheet HTML 7Page - STMicroelectronics STC08IE120HP Datasheet HTML 8Page - STMicroelectronics STC08IE120HP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
STC08IE120HP
4/11
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
ICS(SS)
Collector-source current
(VBS = VGS = 0)
VCE = 1200V
100
µA
IBS(OS)
Base-source current
(IC = 0, VGS = 0)
VBS(OS) = 30V
10
µA
ISB(OS)
Source-base current
(IC = 0, VGS = 0)
VSB(OS) = 17V
100
µA
IGS(OS)
Gate-source leakage
VGS = ± 17V
100
nA
VCS(ON)
Collector-source ON
voltage
VGS = 10V _IC = 8A
IB = 1.6A
VGS = 10V_ IC = 4A
IB = 0.4A
0.8
0.5
1
1.2
V
V
hFE
DC current gain
VGS = 10V_ IC = 8A
VCS = 1V
VGS = 10V_ IC = 4A_ VCS = 1V
5
7
VBS(ON) Base Source ON voltage
VGS = 10V_ IC = 8A IB = 1.6A
VGS = 10V_ IC = 4A_ IB = 0.4A
1.5
1.5
V
V
VGS(th)
Gate threshold voltage
VBS = VGS ______IB = 250µA
23
4V
CISS
Input capacitance
VCS = 25V ______f = 1MHz
VGS = 0
550
pF
QGS(tot)
Gate-source charge
VGS = 10V
26
nC
ts
tf
INDUCTIVE LOAD
Storage time
Fall time
IC = 4A
IB = 0.8A VGS = 10V
VClamp = 960V RG = 47Ω
tp = 4µs
670
15
ns
ns
ts
tf
INDUCTIVE LOAD
Storage time
Fall time
IC = 4A
IB = 0.4A VGS = 10V
VClamp = 960V RG = 47Ω
tp = 4µs
340
10.2
ns
ns
VCSW
Maximum collector-
source voltage switched
without snubber
RG = 47Ω hFE = 5A IC = 8A
1200
V
VCS(dyn)
Collector-source
dynamic voltage
(500ns)
VCC = VClamp = 400V VGS = 10V
RG = 47Ω
IC = 4A IB = 0.8A
IBpeak = 4A
tpeak = 500ns
5.75
V
VCS(dyn)
Collector-source
dynamic voltage
(1 µs)
VCC = VClamp = 400V VGS = 10V
RG = 47Ω
IC = 4A IB = 0.8A
IBpeak = 4A
tpeak = 500ns
3.35
V


유사한 부품 번호 - STC08IE120HP

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
More results

유사한 설명 - STC08IE120HP

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STP08IE120F4 STMICROELECTRONICS-STP08IE120F4 Datasheet
278Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE150HV STMICROELECTRONICS-STC08IE150HV Datasheet
120Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 8A - 0.10 ohm
STC05DE150 STMICROELECTRONICS-STC05DE150 Datasheet
165Kb / 4P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 5 A - 0.10 ohm
STC08DE150HV STMICROELECTRONICS-STC08DE150HV Datasheet
270Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
STC08DE150HP STMICROELECTRONICS-STC08DE150HP Datasheet
297Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
October 2006 Rev 1
STC08IE150HV STMICROELECTRONICS-STC08IE150HV_07 Datasheet
276Kb / 11P
   Emitter switched bipolar transistor ESBT 1500V - 8A - 0.08?
STC12IE90HV STMICROELECTRONICS-STC12IE90HV Datasheet
242Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
STP12IE90F4 STMICROELECTRONICS-STP12IE90F4 Datasheet
274Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
STP12IE95F4 STMICROELECTRONICS-STP12IE95F4 Datasheet
275Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 950 V - 12A - 0.083 ohm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com