전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGP10NC60KD 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 STGP10NC60KD
상세설명  N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP10NC60KD 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button STGP10NC60KD Datasheet HTML 6Page - STMicroelectronics STGP10NC60KD Datasheet HTML 7Page - STMicroelectronics STGP10NC60KD Datasheet HTML 8Page - STMicroelectronics STGP10NC60KD Datasheet HTML 9Page - STMicroelectronics STGP10NC60KD Datasheet HTML 10Page - STMicroelectronics STGP10NC60KD Datasheet HTML 11Page - STMicroelectronics STGP10NC60KD Datasheet HTML 12Page - STMicroelectronics STGP10NC60KD Datasheet HTML 13Page - STMicroelectronics STGP10NC60KD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Test circuit
STGB10NC60KD - STGP10NC60KD - STGF10NC60KD
10/17
3
Test circuit
Figure 17. Test circuit for inductive load
switching
Figure 18. Gate charge test circuit
Figure 19. Switching waveform
Figure 20. Diode recovery time waveform


유사한 부품 번호 - STGP10NC60KD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGP10NC60KD STMICROELECTRONICS-STGP10NC60KD Datasheet
379Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT
STGP10NC60KD STMICROELECTRONICS-STGP10NC60KD Datasheet
613Kb / 20P
   10 A, 600 V short-circuit rugged IGBT
STGP10NC60KD STMICROELECTRONICS-STGP10NC60KD Datasheet
1Mb / 30P
   10 A, 600 V short-circuit rugged IGBT
Rev 7 June 2017
More results

유사한 설명 - STGP10NC60KD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGP10NC60KD STMICROELECTRONICS-STGP10NC60KD Datasheet
379Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_06 Datasheet
833Kb / 17P
   N-channel 14A - 600V - TO-220 - TO-220FP - D2PAK Short circuit rated PowerMESH TM IGBT
STGP7NB60KD STMICROELECTRONICS-STGP7NB60KD Datasheet
330Kb / 12P
   N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
   N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGB10NC60K STMICROELECTRONICS-STGB10NC60K_07 Datasheet
599Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
STGP14NC60KD STMICROELECTRONICS-STGP14NC60KD Datasheet
456Kb / 14P
   N-CHANNEL 14A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH IGBT
STGB3NB60KD STMICROELECTRONICS-STGB3NB60KD Datasheet
326Kb / 12P
   N-CHANNEL 6A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT PROOF PowerMESH TM IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGF10NB60SD STMICROELECTRONICS-STGF10NB60SD_06 Datasheet
273Kb / 13P
   N-channel 10A - 600V - TO-220FP PowerMESH TM IGBT
STGB10NC60HD_0710 STMICROELECTRONICS-STGB10NC60HD_0710 Datasheet
410Kb / 17P
   N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com