전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3004D2PHP 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3004D2PHP
상세설명  12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA3004D2PHP 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TPA3004D2PHP Datasheet HTML 2Page - Texas Instruments TPA3004D2PHP Datasheet HTML 3Page - Texas Instruments TPA3004D2PHP Datasheet HTML 4Page - Texas Instruments TPA3004D2PHP Datasheet HTML 5Page - Texas Instruments TPA3004D2PHP Datasheet HTML 6Page - Texas Instruments TPA3004D2PHP Datasheet HTML 7Page - Texas Instruments TPA3004D2PHP Datasheet HTML 8Page - Texas Instruments TPA3004D2PHP Datasheet HTML 9Page - Texas Instruments TPA3004D2PHP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
TPA3004D2
SLOS407D − FEBRUARY 2003 − REVISED AUGUST 2004
www.ti.com
6
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Supply voltage, VCC
PVCC, AVCC; RL ≥ 3.6 Ω
8.5
18
V
Volume reference voltage
VREF
3.0
5.5
V
Volume control pins, input voltage
VARDIFF, VARMAX, VOLUME
5.5
V
SD
2
High-level input voltage, VIH
MODE
3.5
V
High-level input voltage, VIH
FADE
4.0
V
Low-level input voltage, VIL
SD
0.8
V
Low-level input voltage, VIL
MODE, FADE
2
V
High-level output voltage, VOH
MODE_OUT, IOH = 1 mA
AVDD−100 mV
V
Low-level output voltage, VOL
MODE_OUT, IOL = −1 mA
AGND+100 mV
V
MODE,VI= 5 V, VCC = 18 V
1
High-level input current, IIH
FADE, VI= 5 V, VCC = 18 V
150
uA
High-level input current, IIH
SD, VI= 18 V, VCC = 18 V
50
uA
Low-level input current, IIL
MODE, FADE , VI= 0 V, VCC = 18 V
1
uA
Low-level input current, IIL
SD, VI= 0 V, VCC = 18 V
1
uA
Oscillator frequency, fOSC
225
275
kHz
Operating free-air temperature, TA
−40
85
°C
Operating junction temperature, TJ(1)
125
°C
(1) Continuous operation above the recommended junction temperature may result in reduced reliability and/or lifetime of the device. The junction
temperature is controlled by the thermal design of the application and should be carefully considered in high power dissipation applications. See
the thermal considerations section on pages 33−35 for recommendations on improving the thermal performance of your application.
DC CHARACTERISTICS
TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
| VOS |
Class-D Output offset voltage
(measured differentially)
INN and INP connected together,
Gain = 36 dB
10
65
mV
V2P5 (terminal 4)
2.5-V Bias voltage
No load
0.45x
AVDD
0.5x
AVDD
0.55x
AVDD
V
AVDD
5-V Regulated output
IO = 0 to 100 mA, SD = 2 V,
VCC = 8.5 V to 18 V
4.5
5.0
5.5
V
PSRR
Class-D power supply rejection ratio
VCC = 11.5 V to 12.5 V
−80
dB
ICC(class-D)
Class-D mode quiescent current
MODE = 2 V, SD = 2 V,
VCC = 18 V
16
28.5
mA
ICC(varout)
Variable output mode quiescent
current
MODE = 3.5 V, SD = 2 V,
VCC = 18 V
7
9
mA
ICC(class-D – max power)
Class-D mode RMS current at max
power
RL = 8 Ω, PO = 12 W,
VCC = 15 V to 18 V
2
A
ICC(SD)
Supply current in shutdown mode
SD = 0.8 V, VCC = 12 V
1
10
uA
ICC(SD)
Supply current in shutdown mode
SD = 0.8 V, VCC = 18 V
160
uA
VCC = 12 V,
High side
300
rds(on)
Drain-source on-state resistance
VCC = 12 V,
IO = 1 A,
T = 25 C
Low side
250
m
rds(on)
Drain-source on-state resistance
IO = 1 A,
TJ = 25°C
Total
550
650
m


유사한 부품 번호 - TPA3004D2PHP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3004D2PHP TI-TPA3004D2PHP Datasheet
696Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results

유사한 설명 - TPA3004D2PHP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3004 TI-TPA3004 Datasheet
696Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_15 Datasheet
879Kb / 47P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3002D2 TI-TPA3002D2 Datasheet
372Kb / 34P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_07 Datasheet
644Kb / 24P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
   10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
   10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43