전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3004D2PHPG4 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3004D2PHPG4
상세설명  12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA3004D2PHPG4 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPA3004D2PHPG4 Datasheet HTML 7Page - Texas Instruments TPA3004D2PHPG4 Datasheet HTML 8Page - Texas Instruments TPA3004D2PHPG4 Datasheet HTML 9Page - Texas Instruments TPA3004D2PHPG4 Datasheet HTML 10Page - Texas Instruments TPA3004D2PHPG4 Datasheet HTML 11Page - Texas Instruments TPA3004D2PHPG4 Datasheet HTML 12Page - Texas Instruments TPA3004D2PHPG4 Datasheet HTML 13Page - Texas Instruments TPA3004D2PHPG4 Datasheet HTML 14Page - Texas Instruments TPA3004D2PHPG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
TPA3004D2
SLOS407D − FEBRUARY 2003 − REVISED AUGUST 2004
www.ti.com
11
Figure 1
PO − Output Power − W
Class-D,
LC Filter,
Resistive Load
EFFICIENCY
vs
OUTPUT POWER
RL = 8 Ω, VCC = 18 V
40
30
10
0
02
4
6
60
80
100
810
12
RL = 4 Ω, VCC = 12 V
20
50
70
90
Figure 2
8
6
2
0
46
8
10
10
OUTPUT POWER
vs
LOAD RESISTANCE
12
12
14
16
RL − Load Resistance − Ω
VCC = 8 V,
THD = 1%
VCC = 12 V,
THD = 10%
4
f = 1 kHz,
LC Filter,
Class-D,
Resistive Load,
TA = 25°C
VCC = 8 V,
THD = 10%
VCC = 12 V,
THD = 1%
Dashed line may require external heat sinking
Figure 3
8
Ω Speaker
10% THD+N
8
6
2
9
10
11
12
OUTPUT POWER
vs
SUPPLY VOLTAGE
12
13
14
10
4
VCC − Supply Voltage − V
8.5
15
16
17
18
TA = 25°C
8
Ω Speaker
1% THD+N
Figure 4
13
12
11
10
8.5 9
10
11
15
16
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
20
12
13
14
14
VCC − Supply Voltage − V
15
16
17
18
17
18
19
SD = 2 V,
MODE = 2 V,
Class-D,
No Load


유사한 부품 번호 - TPA3004D2PHPG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3004D2PHP TI-TPA3004D2PHP Datasheet
696Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results

유사한 설명 - TPA3004D2PHPG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3004 TI-TPA3004 Datasheet
696Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_15 Datasheet
879Kb / 47P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3002D2 TI-TPA3002D2 Datasheet
372Kb / 34P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_07 Datasheet
644Kb / 24P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
   10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
   10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com