전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3007D1 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3007D1
상세설명  6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA3007D1 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPA3007D1 Datasheet HTML 4Page - Texas Instruments TPA3007D1 Datasheet HTML 5Page - Texas Instruments TPA3007D1 Datasheet HTML 6Page - Texas Instruments TPA3007D1 Datasheet HTML 7Page - Texas Instruments TPA3007D1 Datasheet HTML 8Page - Texas Instruments TPA3007D1 Datasheet HTML 9Page - Texas Instruments TPA3007D1 Datasheet HTML 10Page - Texas Instruments TPA3007D1 Datasheet HTML 11Page - Texas Instruments TPA3007D1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ti.com
0.01
0.1
1
20
100
1 k
10 k
20 k
f − Frequency − Hz
VCC = 18 V
RL = 8 Ω
PO = 0.5 W
PO = 5 W
PO = 2 W
0.01
0.1
1
20
100
1 k
10 k
20 k
f − Frequency − Hz
VCC = 12 V
RL = 8 Ω
PO = 0.5 W
PO = 2 W
PO = 4 W
f - Frequency - Hz
Phase
Gain
20
100
1k
10k
100k
VCC = 8 V
RL = 8 Ω
Gain = 12 dB
8
6
2
0
10
12
14
4
30
20
10
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-80
-70
-60
-50
f - Frequency - Hz
VDD = 15 V
20
100
1k
10k
C(Bypass) = 1 µF
RL = 8 Ω
VCC = 8 V
TPA3007D1
SLOS418A – SEPTEMBER 2003 – REVISED DECEMBER 2004
TOTAL HARMONIC DISTORTION PLUS NOISE
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 7.
Figure 8.
SUPPLY VOLTAGE REJECTION RATIO
GAIN and PHASE
vs
vs
FREQUENCY
FREQUENCY
Figure 9.
Figure 10.
8


유사한 부품 번호 - TPA3007D1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1 Datasheet
279Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PW TI-TPA3007D1PW Datasheet
279Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PW TI1-TPA3007D1PW Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PWG4 TI1-TPA3007D1PWG4 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA3007D1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI-TPA3007D1 Datasheet
279Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2107 EUTECH-EUA2107 Datasheet
176Kb / 1P
   6.5-W Mono Class-D Audio Power Amplifier
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com