전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3007D1PWG4 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3007D1PWG4
상세설명  6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA3007D1PWG4 데이터시트(HTML) 1 Page - Texas Instruments

  TPA3007D1PWG4 Datasheet HTML 1Page - Texas Instruments TPA3007D1PWG4 Datasheet HTML 2Page - Texas Instruments TPA3007D1PWG4 Datasheet HTML 3Page - Texas Instruments TPA3007D1PWG4 Datasheet HTML 4Page - Texas Instruments TPA3007D1PWG4 Datasheet HTML 5Page - Texas Instruments TPA3007D1PWG4 Datasheet HTML 6Page - Texas Instruments TPA3007D1PWG4 Datasheet HTML 7Page - Texas Instruments TPA3007D1PWG4 Datasheet HTML 8Page - Texas Instruments TPA3007D1PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
INN
INP
GAIN0
SHUTDOWN
PGND
VCLAMP
BSN
PVCC
OUTN
OUTN
PGND
VCC
VREF
BYPASS
COSC
ROSC
AGND
AGND
BSP
PVCC
OUTP
GAIN1
OUTP
PGND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
R3
51
C9
0.22
µF
C6
1
µF
D1
VCC
C12
220 pF
C11
1
µF
C3
1
µF
C4
1
µF
VCC
L2
(Ferrite
Bead)
L1
(Ferrite
Bead)
C15
1 nF
C14
1 nF
D2
R2
51
C8
0.22
µF
C5
1
µF
C7
10
µF
C10
1
µF
C1
0.47
µF
C2
0.47
µF
IN−
IN+
GAIN SELECT
GAIN SELECT
SHUTDOWN
CONTROL
U1
TPA3007D1
VCC
R1
120 k
TPA3007D1
SLOS418A – SEPTEMBER 2003 – REVISED DECEMBER 2004
6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
6.5 W Into 8-
Ω Load From 12-V Supply
The TPA3007D1 is a 6.5-W mono bridge-tied load
(10% THD+N)
(BTL) class-D audio power amplifier with high ef-
ficiency, eliminating the need for heat sinks. The
Short Circuit Protection (Short to VCC, Short
TPA3007D1 can drive 8-
Ω speakers with only a
to GND, Short Between Outputs)
ferrite bead filter required to reduce EMI.
Third-Generation Modulation Technique:
The gain of the amplifier is controlled by two input
– Replaces Large LC Filter With Small,
terminals, GAIN1 and GAIN0. This allows the ampli-
Low-Cost Ferrite Bead Filter in Most
fier to be configured for a gain of 12, 18, 23.6, and 36
Applications
dB. The differential input stage provides high com-
– Improved Efficiency
mon mode rejection and improved power supply
rejection.
– Improved SNR
Low Supply Current . . . 8 mA Typ at 12 V
The amplifier also includes depop circuitry to reduce
the amount of pop at power-up and when cycling
Shutdown Control . . . <1 µA Typ
SHUTDOWN.
The TPA3007D1 is available in the 24-pin TSSOP
package (PW) and does not require an external heat
LCD Monitors/TVs
sink.
Desktop Replacement Notebook PCs
Hands-Free Car Kits
Powered Speakers
Functional Schematic Diagram
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TPA3007D1PWG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3007D1PWG4 TI1-TPA3007D1PWG4 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA3007D1PWG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI-TPA3007D1 Datasheet
279Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2107 EUTECH-EUA2107 Datasheet
176Kb / 1P
   6.5-W Mono Class-D Audio Power Amplifier
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com