전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA4860 데이터시트(PDF) 7 Page - Texas Instruments

부품명 TPA4860
상세설명  1-W MONO AUDIO POWER AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA4860 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TPA4860_06 Datasheet HTML 3Page - Texas Instruments TPA4860_06 Datasheet HTML 4Page - Texas Instruments TPA4860_06 Datasheet HTML 5Page - Texas Instruments TPA4860_06 Datasheet HTML 6Page - Texas Instruments TPA4860_06 Datasheet HTML 7Page - Texas Instruments TPA4860_06 Datasheet HTML 8Page - Texas Instruments TPA4860_06 Datasheet HTML 9Page - Texas Instruments TPA4860_06 Datasheet HTML 10Page - Texas Instruments TPA4860_06 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.ti.com
20
10
1
0.1
0.01
100
1 k
10 k 20 k
f − Frequency − Hz
VDD = 5 V
PO = 1 W
AV = −20 V/V
RL = 8 Ω
CB = 0.1 µF
CB = 1 µF
20
10
1
0.1
0.01
100
1 k
10 k 20 k
f − Frequency − Hz
VDD = 5 V
PO = 0.5 W
AV = −2 V/V
RL = 8 Ω
CB = 0.1 µF
CB = 1 µF
20
10
1
0.1
0.01
100
1 k
10 k 20 k
f − Frequency − Hz
VDD = 5 V
PO = 0.5 W
AV = −10 V/V
RL = 8 Ω
CB = 0.1 µF
CB = 1 µF
20
10
1
0.1
0.01
100
1 k
10 k 20 k
f − Frequency − Hz
VDD = 5 V
PO = 0.5 W
AV = −20 V/V
RL = 8 Ω
CB = 0.1 µF
CB = 1 µF
TPA4860
SLOS164B – SEPTEMBER 1996 – REVISED JUNE 2004
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 7.
Figure 8.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 9.
Figure 10.
7


유사한 부품 번호 - TPA4860_06

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA4860D TI-TPA4860D Datasheet
430Kb / 25P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_15 Datasheet
655Kb / 28P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA4860_06

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_15 Datasheet
655Kb / 28P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_07 Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860 Datasheet
430Kb / 25P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
88Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_15 Datasheet
575Kb / 18P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_07 Datasheet
746Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com