전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA4861 데이터시트(PDF) 1 Page - Texas Instruments

부품명 TPA4861
상세설명  1-W MONO AUDIO POWER AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA4861 데이터시트(HTML) 1 Page - Texas Instruments

  TPA4861_07 Datasheet HTML 1Page - Texas Instruments TPA4861_07 Datasheet HTML 2Page - Texas Instruments TPA4861_07 Datasheet HTML 3Page - Texas Instruments TPA4861_07 Datasheet HTML 4Page - Texas Instruments TPA4861_07 Datasheet HTML 5Page - Texas Instruments TPA4861_07 Datasheet HTML 6Page - Texas Instruments TPA4861_07 Datasheet HTML 7Page - Texas Instruments TPA4861_07 Datasheet HTML 8Page - Texas Instruments TPA4861_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.ti.com
FEATURES
1
2
3
4
8
7
6
5
SHUTDOWN
BYPASS
IN+
IN–
VO2
GND
VDD
VO1
D PACKAGE
(TOP VIEW)
DESCRIPTION
Audio
Input
Bias
Control
VDD
1 W
6
5
8
7
VO1
VO2
VDD
1
2
3
4
IN+
IN–
BYPASS
SHUTDOWN
VDD/2
CI
RI
RF
CS
CB
+
+
GND
TPA4861
SLOS163C – SEPTEMBER 1996 – REVISED JUNE 2004
1-W MONO AUDIO POWER AMPLIFIER
1-W BTL Output (5 V, 0.11 % THD+N)
3.3-V and 5-V Operation
No Output Coupling Capacitors Required
Shutdown Control (IDD = 0.6 µA)
Uncompensated Gains of 2 to 20 (BTL Mode)
Surface-Mount Packaging
Thermal and Short-Circuit Protection
High Supply Ripple Rejection Ratio (56 dB at
1 kHz)
LM4861 Drop-In Compatible
The TPA4861 is a bridge-tied load (BTL) audio power amplifier capable of delivering 1 W of continuous average
power into an 8-
Ω load at 0.2% THD+N from a 5-V power supply in voiceband frequencies (f < 5 kHz). A BTL
configuration eliminates the need for external coupling capacitors on the output in most applications. Gain is
externally configured by means of two resistors and does not require compensation for settings of 2 to 20.
Features of the amplifier are a shutdown function for power-sensitive applications as well as internal thermal and
short-circuit protection. The TPA4861 works seamlessly with TI's TPA4860 in stereo applications. The amplifier
is available in an 8-pin SOIC surface-mount package that reduces board space and facilitates automated
assembly.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1996–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TPA4861_07

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA4861D TI-TPA4861D Datasheet
415Kb / 24P
[Old version datasheet]   1-W AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA4861_07

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_15 Datasheet
655Kb / 28P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860 Datasheet
430Kb / 25P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
88Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_15 Datasheet
575Kb / 18P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_07 Datasheet
746Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com