전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4161 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 CS4161
상세설명  85 mA Dual H-Bridge Odometer Driver with Divide by Select and UVLO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS4161 데이터시트(HTML) 3 Page - ON Semiconductor

  CS4161 Datasheet HTML 1Page - ON Semiconductor CS4161 Datasheet HTML 2Page - ON Semiconductor CS4161 Datasheet HTML 3Page - ON Semiconductor CS4161 Datasheet HTML 4Page - ON Semiconductor CS4161 Datasheet HTML 5Page - ON Semiconductor CS4161 Datasheet HTML 6Page - ON Semiconductor CS4161 Datasheet HTML 7Page - ON Semiconductor CS4161 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS4161
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued) (–40
°C ≤ TA ≤ 125°C, 6.5 V ≤ VCC ≤ 15.5 V; unless otherwise stated. All voltage
shall be referenced to GND unless otherwise noted. Overvoltage shutdown of coils occurs when VCC > 16 V.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Coil Output Drivers (continued)
Energized Coil Voltage (Note 3.)
(Both Polarities) A and B
VCC = 6.5 VDC
VCC = 10 VDC
VCC = 15.5 VDC, –20°C ≤ TA ≤ 125°C
VCC = 15.5 VDC, –40°C ≤ TA ≤ –20°C
VCC – 1.5 V
VCC – 1.6 V
VCC – 1.75 V
VCC – 2.0 V
VCC – 0.9 V
VCC – 1.0 V
VCC – 1.1 V
VCC – 1.2 V
VDC
VDC
VDC
VDC
De–energized Coil Leakage Current
±100
µA
Short Circuit Protection
Short Circuit Threshold
I Coil A + I Coil B
275
400
mA
Short Circuit Turn–Off Delay
5.0
µs
3. Voltage across the coils shall be measured at the specific voltages, but shall also be within linearly interpolated limits.
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
DIP–8
PIN SYMBOL
FUNCTION
1
GND
Ground connection.
2
COILA+
Output stage, when active, this lead supplies current to COIL A.
3
COILA–
Output stage, when active, this lead supplies current to COIL A.
4
SENSOR
Input signal from wheel speed or engine rpm.
5
SELECT
Selects divide by 1 or divide by 2 mode.
6
COILB–
Output stage, when active, this lead supplies current to COIL B.
7
COILB+
Output stage, when active, this lead supplies current to COIL B.
8
VCC
Supply voltage.


유사한 부품 번호 - CS4161

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS4161 CHERRY-CS4161 Datasheet
149Kb / 4P
   85mA Dual H-Bridge Odometer Driver with Divide by Select and UVLO
CS4161XN8 CHERRY-CS4161XN8 Datasheet
149Kb / 4P
   85mA Dual H-Bridge Odometer Driver with Divide by Select and UVLO
More results

유사한 설명 - CS4161

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS4161 CHERRY-CS4161 Datasheet
149Kb / 4P
   85mA Dual H-Bridge Odometer Driver with Divide by Select and UVLO
CS8441 CHERRY-CS8441 Datasheet
149Kb / 4P
   85mA Dual H-Bridge Odometer Driver with Divide by Select
logo
ON Semiconductor
CS8441 ONSEMI-CS8441 Datasheet
58Kb / 8P
   Stepper Motor Driver with Divide by Select
February, 2001 ??Rev. 3
logo
Cherry Semiconductor Co...
CS8442 CHERRY-CS8442 Datasheet
132Kb / 4P
   85mA Dual H-Bridge Odometer Driver with Buffered Speed Signal Output
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
TLE7182EM INFINEON-TLE7182EM Datasheet
604Kb / 28P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
logo
New Japan Radio
NJM2670 NJRC-NJM2670 Datasheet
463Kb / 9P
   DUAL H BRIDGE DRIVER
logo
Texas Instruments
DRV8843 TI1-DRV8843_16 Datasheet
1Mb / 28P
[Old version datasheet]   Dual H-Bridge Driver
logo
Rohm
BD6735FV ROHM-BD6735FV_15 Datasheet
1Mb / 16P
   Dual H-Bridge Driver
logo
New Japan Radio
NJU7385 NJRC-NJU7385 Datasheet
169Kb / 13P
   Dual H-bridge Driver for actuator Input Control Mode Select Function
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com