전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4192XDWF16G 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 CS4192XDWF16G
상세설명  Single Air?묬ore Gauge Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS4192XDWF16G 데이터시트(HTML) 4 Page - ON Semiconductor

  CS4192XDWF16G Datasheet HTML 1Page - ON Semiconductor CS4192XDWF16G Datasheet HTML 2Page - ON Semiconductor CS4192XDWF16G Datasheet HTML 3Page - ON Semiconductor CS4192XDWF16G Datasheet HTML 4Page - ON Semiconductor CS4192XDWF16G Datasheet HTML 5Page - ON Semiconductor CS4192XDWF16G Datasheet HTML 6Page - ON Semiconductor CS4192XDWF16G Datasheet HTML 7Page - ON Semiconductor CS4192XDWF16G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CS4192
http://onsemi.com
4
PIN FUNCTION DESCRIPTION
PACKAGE PIN #
16 Lead SOIC Wide
PIN SYMBOL
FUNCTION
1
SIN−
Negative output for SINE coil.
2
SIN+
Positive output SINE coil.
3
VBB
Analog supply. Nominally 13.5 V.
4, 5, 12, 13
GND
Ground.
6
SI
Serial data input. Data present at the rising edge of the clock signal is shifted into
the internal shift register.
7
VCC
5.0 V logic supply. The internal registers and latches are reset by a POR generated
by the rising edge of the voltage on this pin.
8
OE
Controls the state of the output buffers. A logic low on this pin turns them off.
9
SCLK
Serial clock for shifting in/out of data. Rising edge shifts data on SI into the shift
register and the falling edge changes the data on SO.
10
CS
When high allows data at SI to be shifted into part with the rising edges of SCLK.
The falling edge transfers the shift register contents into the DAC and multiplexer
to update the output buffers. The falling edge also reenables the output drivers if
they have been disabled by a fault.
11
ST
STATUS reflects the state of the outputs and is low anytime the outputs are disabled,
either by OE or the internal protection circuitry. Requires external pullup resistor.
14
SO
Serial data output. Existing 10−bit data is shifted out when new data is shifted in.
Allows cascading of multiple devices on common serial port.
15
COS−
Negative output for COSINE coil.
16
COS+
Positive output for COSINE coil.
ORDERING INFORMATION
Device
Package
Shipping
CS4192XDWF16
SOIC−16 WB
47 Units / Rail
CS4192XDWF16G
SOIC−16 WB
(Pb−Free)
47 Units / Rail
CS4192XDWFR16
SOIC−16 WB
1000 Units / Reel
CS4192XDWFR16G
SOIC−16 WB
(Pb−Free)
1000 Units / Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


유사한 부품 번호 - CS4192XDWF16G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS4192XDWF16 ONSEMI-CS4192XDWF16 Datasheet
71Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 ??Rev. 6
More results

유사한 설명 - CS4192XDWF16G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS4122 ONSEMI-CS4122_05 Datasheet
97Kb / 9P
   Triple Air?묬ore Gauge Driver with Serial Input Bus
September, 2005 ??Rev. 9
logo
Cherry Semiconductor Co...
CS4172 CHERRY-CS4172 Datasheet
158Kb / 6P
   Single Air-Core Gauge Driver
logo
ON Semiconductor
CS4172 ONSEMI-CS4172 Datasheet
65Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 - Rev. 3
CS4192 ONSEMI-CS4192 Datasheet
71Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 ??Rev. 6
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
logo
Freescale Semiconductor...
33977 FREESCALE-33977 Datasheet
1Mb / 37P
   Single Gauge Driver
logo
NXP Semiconductors
MC33977 NXP-MC33977 Datasheet
2Mb / 37P
   Single Gauge Driver
Rev. 2.0, 1/2007
logo
ON Semiconductor
CS8190 ONSEMI-CS8190_06 Datasheet
113Kb / 11P
   Precision Air?묬ore Tach/Speedo Driver with Return to Zero
June, 2006 ??Rev. 6
CS3750 ONSEMI-CS3750 Datasheet
45Kb / 4P
   Dual H-Bridge Air-Core Gauge Driver
December, 2001 - Rev. 4
logo
Cherry Semiconductor Co...
CS3750 CHERRY-CS3750 Datasheet
137Kb / 4P
   100mA Dual H-Bridge Air-Core Gauge Driver
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com