전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5201-3GT3 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 CS5201-3GT3
상세설명  1.0 A, 3.3 V Fixed Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5201-3GT3 데이터시트(HTML) 2 Page - ON Semiconductor

  CS5201-3GT3 Datasheet HTML 1Page - ON Semiconductor CS5201-3GT3 Datasheet HTML 2Page - ON Semiconductor CS5201-3GT3 Datasheet HTML 3Page - ON Semiconductor CS5201-3GT3 Datasheet HTML 4Page - ON Semiconductor CS5201-3GT3 Datasheet HTML 5Page - ON Semiconductor CS5201-3GT3 Datasheet HTML 6Page - ON Semiconductor CS5201-3GT3 Datasheet HTML 7Page - ON Semiconductor CS5201-3GT3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CS5201−3
http://onsemi.com
2
MAXIMUM RATINGS
Parameter
Value
Unit
Supply Voltage, VIN
7.0
V
Operating Temperature Range
−40 to +70
°C
Junction Temperature
150
°C
Storage Temperature Range
−60 to +150
°C
Lead Temperature Soldering:
Wave Solder (through hole styles only) (Note 1)
Reflow (SMD styles only) (Note 2)
260 Peak
230 Peak
°C
°C
ESD Damage Threshold (Human Body Model)
2.0
kV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 10 second maximum.
2. 60 second maximum above 183°C.
ELECTRICAL CHARACTERISTICS (CIN = 10 mF, COUT = 22 mF Tantalum, VOUT + VDROPOUT < VIN < 7.0 V, 0°C ≤ TA ≤ 70°C,
TJ ≤ +150°C, unless otherwise specified, Ifull load = 1.0 A)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Fixed Output Voltage
Reference Voltage (Notes 3 and 4)
VIN − VOUT = 1.5 V;
0 ≤ IOUT ≤ 1.0 A
3.250
(−1.5%)
3.300
3.350
(+1.5%)
V
Line Regulation
2.0 V ≤ VIN − VOUT ≤ 3.7 V; IOUT = 10 mA
0.02
0.20
%
Load Regulation (Notes 3 and 4)
VIN − VOUT = 2.0 V; 10 mA ≤ IOUT ≤ 1.0 A
0.04
0.4
%
Dropout Voltage (Note 5)
IOUT = 1.0 A
1.0
1.2
V
Current Limit
VIN − VOUT = 3.0 V
1.0
3.1
A
Quiescent Current
IOUT = 10 mA
5.0
10
mA
Thermal Regulation (Note 6)
30 ms Pulse, TA = 25°C
0.002
0.020
%/W
Ripple Rejection (Note 6)
f = 120 Hz; IOUT = 1.0 A; VIN − VOUT = 3.0 V;
VRIPPLE = 1.0 VPP
80
dB
Thermal Shutdown (Note 7)
150
180
210
°C
Thermal Shutdown Hysteresis (Note 7)
25
°C
3. Load regulation and output voltage are measured at a constant junction temperature by low duty cycle pulse testing. Changes in output
voltage due to temperature changes must be taken into account separately.
4. Specifications apply for an external Kelvin sense connection at a point on the output pin 1/4” from the bottom of the package.
5. Dropout voltage is a measurement of the minimum input/output differential at full load.
6. Guaranteed by design, not 100% tested in production.
7. Thermal shutdown is 100% functionally tested in production.
PACKAGE PIN DESCRIPTION
Package Pin Number
Pin Symbol
Function
TO−220−3 D2PAK−3
SOT−223
1
1
1
GND
Ground connection.
2
2
2
VOUT
Regulated output voltage (case).
3
3
3
VIN
Input voltage.


유사한 부품 번호 - CS5201-3GT3

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS5201-3GT3 CHERRY-CS5201-3GT3 Datasheet
158Kb / 6P
   1A, 3.3V Fixed Linear Regulator
More results

유사한 설명 - CS5201-3GT3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
   3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
CS52015-3 ONSEMI-CS52015-3 Datasheet
217Kb / 8P
   1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
logo
Infineon Technologies A...
TLE4275V33 INFINEON-TLE4275V33 Datasheet
319Kb / 12P
   Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.0, 2006-09-22
logo
ON Semiconductor
CS5205-2 ONSEMI-CS5205-2 Datasheet
56Kb / 8P
   5.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 8
CS5204-2 ONSEMI-CS5204-2_06 Datasheet
196Kb / 7P
   4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
CS5207-2 ONSEMI-CS5207-2 Datasheet
179Kb / 6P
   7.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5204-2 ONSEMI-CS5204-2 Datasheet
56Kb / 8P
   4.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 9
CS5201-1 ONSEMI-CS5201-1 Datasheet
213Kb / 9P
   1.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com