전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS51031YD8G 데이터시트(PDF) 8 Page - ON Semiconductor

부품명 CS51031YD8G
상세설명  Fast P?묬h FET Buck Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51031YD8G 데이터시트(HTML) 8 Page - ON Semiconductor

Back Button CS51031YD8G Datasheet HTML 2Page - ON Semiconductor CS51031YD8G Datasheet HTML 3Page - ON Semiconductor CS51031YD8G Datasheet HTML 4Page - ON Semiconductor CS51031YD8G Datasheet HTML 5Page - ON Semiconductor CS51031YD8G Datasheet HTML 6Page - ON Semiconductor CS51031YD8G Datasheet HTML 7Page - ON Semiconductor CS51031YD8G Datasheet HTML 8Page - ON Semiconductor CS51031YD8G Datasheet HTML 9Page - ON Semiconductor CS51031YD8G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CS51031
http://onsemi.com
8
The fault time is the sum of the slow discharge time the
fast discharge time and the recharge time. It is dominated by
the slow discharge time.
The first parameter is the slow discharge time, it is the time
for the CS capacitor to discharge from 2.4 V to 1.5 V and is
given by:
tSlowDischarge(t) +
CS
(2.4 V
* 1.5 V)
IDischarge
where IDischarge is 6.0 mA typical.
tSlowDischarge(t) + CS
1.5
105
The fast discharge time occurs when a fault is first
detected. The CS capacitor is discharged from 2.5 V to 2.4 V.
tFastDischarge(t) +
CS
(2.5 V
* 2.4 V)
IFastDischarge
where IFastDischarge is 66 mA typical.
tFastDischarge(t) + CS
1515
The recharge time is the time for CS to charge from 1.5 V
to 2.5 V.
tCharge(t) +
CS
(2.5 V
* 1.5 V)
ICharge
where ICharge is 264 mA typical.
tCharge(t) + CS
3787
The fault time is given by:
tFault + CS
(3787
) 1515 ) 1.5
105)
tFault + CS
(1.55
105)
For this circuit
tFault + 0.1
10*6
1.55
105
+ 15.5 ms
A larger value of CS will increase the fault time out time
but will also increase the Soft−Start time.
9) Input Capacitor
The input capacitor reduces the peak currents drawn from
the input supply and reduces the noise and ripple voltage on
the VCC and VC pins. This capacitor must also ensure that
the VCC remains above the UVLO voltage in the event of an
output short circuit. A low ESR capacitor of at least 100
mF
is good. A ceramic surface mount capacitor should also be
connected between VCC and ground to filter high frequency
noise.
10) MOSFET Selection
The CS51031 drives a P−Channel MOSFET. The VGATE
pin swings from GND to VC. The type of P−Ch FET used
depends on the operating conditions but for input voltages
below 7.0 V a logic level FET should be used.
A P−Ch FET with a continuous drain current (ID) rating
greater than the maximum output current is required.
The Gate−to−Source voltage VGS and the Drain−to
Source Breakdown Voltage should be chosen based on the
input supply voltage.
The power dissipation due to the conduction losses is
given by:
PD + IOUT2
RDS(ON)
D
where
RDS(ON) is the value at TJ + 100°C
The power dissipation of the P−Ch FET due to the
switching losses is given by:
PD + 0.5
VIN
IOUT
(tr)
fSW
where tr = Rise Time.
11) Diode Selection
The flyback or catch diode should be a Schottky diode
because of it’s fast switching ability and low forward voltage
drop. The current rating must be at least equal to the
maximum output current. The breakdown voltage should be
at least 20 V for this 12 V application.
The diode power dissipation is given by:
PD + IOUT
VD
(1.0
* D min)


유사한 부품 번호 - CS51031YD8G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS51031YD8G ONSEMI-CS51031YD8G Datasheet
100Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
More results

유사한 설명 - CS51031YD8G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS51031 ONSEMI-CS51031_10 Datasheet
100Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
CS51033 ONSEMI-CS51033_05 Datasheet
96Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 10
logo
Texas Instruments
LM3409 TI1-LM3409 Datasheet
1Mb / 45P
[Old version datasheet]   P-FET Buck Controller for High-Power LED Drivers
logo
HTC Korea TAEJIN Techno...
LM51031 HTC-LM51031 Datasheet
273Kb / 9P
   Fast PFET Buck Controller
logo
ON Semiconductor
CS51031 ONSEMI-CS51031 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
December, 2001 ??Rev. 9
CS51033 ONSEMI-CS51033 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
October, 2002 ??Rev. 8
logo
NTE Electronics
NTE2905 NTE-NTE2905 Datasheet
100Kb / 3P
   P?묬h, Enhancement Mode High Speed Switch
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com