전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

CS51411_07 데이터시트(Datasheet) 17 Page - ON Semiconductor

부품명 CS51411_07
상세내용  1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo 

 
 17 page
background image
CS51411, CS51412, CS51413, CS51414
http://onsemi.com
17
Figure 24. Additional Application Diagram, 5.0 V − 12 V to −5.0 V/400 mA Inverting Converter
VFB
VSW
2
GND
SHDNB
CS51412/4
1N4148
5.0 V
D3
15
mH
VIN
100
mF
100
mF
0.1
mF
C1
C3
R1
R2
C4
0.1
mF
Shutdown
L1
C1
12 V
D1
373
127
1
3
7
6
8
4
5
1N5821
BOOST
U1
BIAS
VC
D2 1N4148
Figure 25. Additional Application Diagram, 12 V to 5.0 V/1.0 A Buck Converter using the BIAS Pin
VFB
2
GND
SHDNB CS51411/3
−5.0 V output
D1
R2
VIN
0.01
mF
0.1
mF
22
mF
C1
C3
R1
R3
C4
0.1
mF
VSW
L1
C2
5.0 V − 12 V input
50 k
127
1
3
7
6
8
4
5
1N4148
BOOST
U1
SYNC
VC
C6
22
m
C5
0.1
mF
D2
373
15
mH
MBR0520




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


데이터시트



관련 부품명

부품명상세내용Html View제조사
NCV514111.5 A 260 kHz Low Voltage Buck Regulator with Synchronization Capability 1 2 3 4 5 MoreON Semiconductor
NCV88421.5 A 170 kHz Buck Regulator with Synchronization Capability 1 2 3 4 5 MoreON Semiconductor
NCV88431.5 A 340 kHz Buck Regulator with Synchronization Capability 1 2 3 4 5 MoreON Semiconductor
LD1117LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
74LVTH162373Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
THS73133-Channel Low Power SDTV Video Amplifier with I2C Control 6-dB Gain SAG Correction 2:1 Input MUX and Selectable Input Bias Modes 1 2 3 4 5 MoreTexas Instruments
LF00_06Very low drop voltage regulators with inhibit 1 2 3 4 5 MoreSTMicroelectronics
74ALVC16240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX652Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
XC6221Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch 1 2 3 4 5 MoreTorex Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl