전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESD5Z2.5T1 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 ESD5Z2.5T1
상세설명  Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD5Z2.5T1 데이터시트(HTML) 3 Page - ON Semiconductor

  ESD5Z2.5T1_06 Datasheet HTML 1Page - ON Semiconductor ESD5Z2.5T1_06 Datasheet HTML 2Page - ON Semiconductor ESD5Z2.5T1_06 Datasheet HTML 3Page - ON Semiconductor ESD5Z2.5T1_06 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ESD5Z2.5T1 SERIES
http://onsemi.com
3
Figure 2. Positive 8 kV contact per IEC 6100−4−2
− ESD5Z5.0T1G
Figure 3. Negative 8 kV contact per IEC 6100−4−2
− ESD5Z5.0T1G


유사한 부품 번호 - ESD5Z2.5T1_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ESD5Z2.5T1-D ONSEMI-ESD5Z2.5T1-D Datasheet
148Kb / 5P
   Transient Voltage Suppressors
February, 2012 ??Rev. 10
logo
Analog Devices
ESD5Z2.5T1G AD-ESD5Z2.5T1G Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
ON Semiconductor
ESD5Z2.5T1G ONSEMI-ESD5Z2.5T1G Datasheet
70Kb / 5P
   Transient Voltage suppressors
December, 2014 ??Rev. 13
logo
Guangdong Youtai Semico...
ESD5Z2.5T1G UMW-ESD5Z2.5T1G Datasheet
299Kb / 5P
   The ESD5Zxx Series is designed to protect voltage sensitive components from ESD and transient voltage events.
logo
ON Semiconductor
ESD5Z2.5T1G/T5G ONSEMI-ESD5Z2.5T1G/T5G Datasheet
70Kb / 5P
   Transient Voltage suppressors
December, 2014 ??Rev. 13
More results

유사한 설명 - ESD5Z2.5T1_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ESD5484FCT5G ONSEMI-ESD5484FCT5G_13 Datasheet
132Kb / 6P
   Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
March, 2013 ??Rev. 2
ESD9B3.3ST5G ONSEMI-ESD9B3.3ST5G Datasheet
132Kb / 4P
   Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
September, 2008 ??Rev. 0
ESD11B5.0ST5G ONSEMI-ESD11B5.0ST5G Datasheet
138Kb / 4P
   Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
July, 2009 ??Rev. 2
ESD11N5.0ST5G ONSEMI-ESD11N5.0ST5G Datasheet
138Kb / 4P
   Transient Voltage Suppressors Micro?뭁ackaged Diodes for ESD Protection
July, 2009 ??Rev. 2
ESDM3033 ONSEMI-ESDM3033 Datasheet
212Kb / 7P
   ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
June, 2020 ??Rev. 1
ESD7C3.3DT5G ONSEMI-ESD7C3.3DT5G Datasheet
85Kb / 4P
   Transient Voltage Suppressors Micro-Packaged Diodes for ESD Protection
April, 2008 - Rev. 2
ESDL2012 ONSEMI-ESDL2012 Datasheet
207Kb / 7P
   ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
November, 2019 ??Rev.1
ESD9B5.0ST5G ONSEMI-ESD9B5.0ST5G Datasheet
86Kb / 4P
   Transient Voltage Suppressors Micro-Packaged Diodes for ESD Protection
April, 2008 - Rev. 2
logo
Changzhou Shunye Electr...
ESD5Z5V0C SY-ESD5Z5V0C Datasheet
298Kb / 2P
   Transient Voltage Suppressors ESD Protection Diodes
logo
ON Semiconductor
ESD7481MUT5G ONSEMI-ESD7481MUT5G Datasheet
116Kb / 5P
   Transient Voltage Suppressors Micro.Packaged Diodes for ESD Protection
September, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com