전자부품 데이터시트 검색엔진 |
|
74VCXH16240DTR 데이터시트(PDF) 5 Page - ON Semiconductor |
|
74VCXH16240DTR 데이터시트(HTML) 5 Page - ON Semiconductor |
5 / 11 page 74VCXH16240 http://onsemi.com 5 AC CHARACTERISTICS (Note 6; tR = tF = 2.0 ns; CL = 30 pF; RL = 500 W) Symbol Parameter Waveform TA = −40°C to +85°C Unit VCC = 3.0 V to 3.6 V VCC = 2.3 V to 2.7 V VCC = 1.65 V to 1.95 V Min Max Min Max Min Max tPLH tPHL Propagation Delay Input−to−Output 1 0.8 0.8 2.5 2.5 1.0 1.0 3.0 3.0 1.5 1.5 6.0 6.0 ns tPZH tPZL Output Enable Time to High and Low Level 2 0.8 0.8 3.5 3.5 1.0 1.0 4.1 4.1 1.5 1.5 8.2 8.2 ns tPHZ tPLZ Output Disable Time From High and Low Level 2 0.8 0.8 3.5 3.5 1.0 1.0 3.8 3.8 1.5 1.5 7.8 7.8 ns tOSHL tOSLH Output−to−Output Skew (Note 7) 0.5 0.5 0.5 0.5 0.75 0.75 ns 6. For CL = 50 pF, add approximately 300 ps to the AC maximum specification. 7. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter guaranteed by design. AC CHARACTERISTICS (tR = tF = 2.0 ns; CL = 50 pF; RL = 500 W) Symbol Parameter Waveform TA = −40°C to +85°C Unit VCC = 3.0 V to 3.6 V VCC = 2.7 V Min Max Min Max tPLH tPHL Propagation Delay Input−to−Output 3 1.0 1.0 3.9 3.9 5.3 5.3 ns tPZH tPZL Output Enable Time to High and Low Level 4 1.0 1.0 5.0 5.0 6.1 6.1 ns tPHZ tPLZ Output Disable Time From High and Low Level 4 1.0 1.0 4.4 4.4 4.8 4.8 ns tOSHL tOSLH Output−to−Output Skew (Note 8) 0.5 0.5 0.5 0.5 ns 8. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter guaranteed by design. |
유사한 부품 번호 - 74VCXH16240DTR |
|
유사한 설명 - 74VCXH16240DTR |