전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VCXH16244DTR 데이터시트(PDF) 9 Page - ON Semiconductor

부품명 74VCXH16244DTR
상세설명  Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCXH16244DTR 데이터시트(HTML) 9 Page - ON Semiconductor

Back Button 74VCXH16244DTR Datasheet HTML 3Page - ON Semiconductor 74VCXH16244DTR Datasheet HTML 4Page - ON Semiconductor 74VCXH16244DTR Datasheet HTML 5Page - ON Semiconductor 74VCXH16244DTR Datasheet HTML 6Page - ON Semiconductor 74VCXH16244DTR Datasheet HTML 7Page - ON Semiconductor 74VCXH16244DTR Datasheet HTML 8Page - ON Semiconductor 74VCXH16244DTR Datasheet HTML 9Page - ON Semiconductor 74VCXH16244DTR Datasheet HTML 10Page - ON Semiconductor 74VCXH16244DTR Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
74VCXH16244
http://onsemi.com
9
WAVEFORM 3 − PROPAGATION DELAYS
tR = tF = 2.0 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
VIH
0 V
VOH
VOL
Dn
On
tPHL
tPLH
WAVEFORM 4 − OUTPUT ENABLE AND DISABLE TIMES
tR = tF = 2.0 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
VIH
0 V
≈ 0 V
OEn
On
tPZH
VCC
tPHZ
tPZL
tPLZ
On
Vm
Vm
Vm
Vm
Vm
Vm
Figure 6. AC Waveforms
Vm
VOH
Vy
Vx
VOL
Table 4. AC WAVEFORMS
Symbol
VCC
3.3 V ± 0.3 V
2.7 V
VIH
2.7 V
2.7 V
Vm
1.5 V
1.5 V
Vx
VOL + 0.3 V
VOL + 0.3 V
Vy
VOH − 0.3 V
VOH − 0.3 V


유사한 부품 번호 - 74VCXH16244DTR

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VCXH16244 FAIRCHILD-74VCXH16244 Datasheet
159Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
logo
STMicroelectronics
74VCXH16244 STMICROELECTRONICS-74VCXH16244 Datasheet
231Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCXH16244G FAIRCHILD-74VCXH16244G Datasheet
159Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74VCXH16244MTD FAIRCHILD-74VCXH16244MTD Datasheet
159Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
logo
STMicroelectronics
74VCXH16244TTR STMICROELECTRONICS-74VCXH16244TTR Datasheet
231Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

유사한 설명 - 74VCXH16244DTR

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
74VCX16373 ONSEMI-74VCX16373_06 Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCX16244 ONSEMI-74VCX16244_06 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8V/2.5V/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
74ALVC16240 ONSEMI-74ALVC16240 Datasheet
217Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVCH16240 ONSEMI-74ALVCH16240 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 3
74ALVC16244 ONSEMI-74ALVC16244 Datasheet
264Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74VCXH16373 ONSEMI-74VCXH16373 Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com