전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33065-H 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 MC33065-H
상세설명  High Performance Dual Channel Current Mode Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33065-H 데이터시트(HTML) 5 Page - ON Semiconductor

  MC33065-H Datasheet HTML 1Page - ON Semiconductor MC33065-H Datasheet HTML 2Page - ON Semiconductor MC33065-H Datasheet HTML 3Page - ON Semiconductor MC33065-H Datasheet HTML 4Page - ON Semiconductor MC33065-H Datasheet HTML 5Page - ON Semiconductor MC33065-H Datasheet HTML 6Page - ON Semiconductor MC33065-H Datasheet HTML 7Page - ON Semiconductor MC33065-H Datasheet HTML 8Page - ON Semiconductor MC33065-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MC34065−H, L
http://onsemi.com
5
Figure 1. Timing Resistor versus
Oscillator Frequency
Figure 2. Maximum Output Duty Cycle
versus Oscillator Frequency
4.0
6.0
8.0
10
14
16
fOSC, OSCILLATOR FREQUENCY (Hz)
12
3.3nF
500pF
220pF
330pF
2.2nF
5.0nF
1.0nF
10k
30k
50k
300k 500k
100k
1.0 M
100pF
fOSC, OSCILLATOR FREQUENCY (Hz)
38
40
42
44
48
50
46
Output2
Output1
10k
30k
50k
300k 500k
100k
1.0 M
VCC =15V
RT =4.0 k to 16k
TA = 25°
CL =15pF
CT =
10nF
VCC =15V
TA =25°C


유사한 부품 번호 - MC33065-H

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33065DW ONSEMI-MC33065DW Datasheet
494Kb / 15P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLER
1996 REV 1
MC33065DW-H ONSEMI-MC33065DW-H Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
MC33065DW-L ONSEMI-MC33065DW-L Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
MC33065P ONSEMI-MC33065P Datasheet
494Kb / 15P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLER
1996 REV 1
MC33065P-H ONSEMI-MC33065P-H Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
More results

유사한 설명 - MC33065-H

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC34065-H ONSEMI-MC34065-H Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com