전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10E136 데이터시트(PDF) 9 Page - ON Semiconductor

부품명 MC10E136
상세설명  5V ECL 6-Bit Universal Up/Down Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E136 데이터시트(HTML) 9 Page - ON Semiconductor

Back Button MC10E136 Datasheet HTML 4Page - ON Semiconductor MC10E136 Datasheet HTML 5Page - ON Semiconductor MC10E136 Datasheet HTML 6Page - ON Semiconductor MC10E136 Datasheet HTML 7Page - ON Semiconductor MC10E136 Datasheet HTML 8Page - ON Semiconductor MC10E136 Datasheet HTML 9Page - ON Semiconductor MC10E136 Datasheet HTML 10Page - ON Semiconductor MC10E136 Datasheet HTML 11Page - ON Semiconductor MC10E136 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC10E136, MC100E136
http://onsemi.com
9
Figure 6. Programmable Divider Waveforms
S1
COUT
CLOCK
DIVIDE BY 37
LOAD
000000
000001
000010
000011
100010
100011
100100
• ••
•••
•••
LOAD
The exercise of building a programmable divider then
becomes simply determining what value to load into the
counter to accomplish the desired division. Since the load
operation requires a clock pulse, to divide by N, N−1 must
be loaded into the counter. A single E136 device is capable
of divide ratios of 2 to 64 inclusive, Table 1 outlines the load
values for the various divide ratios. Figure 4 presents the
waveforms resulting from a divide by 37 operation. Note
that the availability of the COUT complementary output
COUT allows the user to choose the polarity of the divide by
output.
For single device programmable counters the E016
counter is probably a better choice than the E136. The E016
has an internal feedback to control the reloading of the
counter, this not only simplifies board design but also will
result in a faster maximum count frequency.
For programmable dividers of larger than 8 bits the
superiority of the E016 diminishes, and in fact for very wide
dividers the E136 will provide the capability of a faster count
frequency. This potential is a result of the cascading features
mentioned previously in this document. Figure 5 shows the
architecture of a 24-bit programmable divider implemented
using E136 counters. Note the need for one external gate to
control the loading of the entire counter chain. An ideal
device for the external gating of this architecture would be
the 4-input OR function in the 8-lead SOIC ECLinPS Lite™
family. However the final decision as to what device to use
for the external gating requires a balancing of performance
needs, cost and available board space. Note that because of
the need for external gating the maximum count frequency
of a given sized programmable divider will be less than that
of a single cascaded counter.
Figure 7. 24-bit Programmable Divider Architecture
S1
S1
S1
S1
Q0 −> Q5
D0 −> D5
CLK
Q0 −> Q5
D0 −> D5
CLK
Q0 −> Q5
D0 −> D5
CLK
LSB
Q0 −> Q5
D0 −> D5
CLOUT
COUT
CLIN
CIN
CLK
CLOCK
“LO”
“LO”
“LO”
CLOUT
COUT
CLIN
CIN
CLOUT
COUT
CLIN
CIN
MSB
CLOUT
COUT
CLIN
CIN
OUT


유사한 부품 번호 - MC10E136

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10E136 ONSEMI-MC10E136 Datasheet
172Kb / 9P
   6-BIT UNIVERSAL UP/DOWN COUNTER
1996 REV 2
MC10E136 ONSEMI-MC10E136 Datasheet
169Kb / 8P
   5V ECL Quint Differential Line Receiver
July, 2016 ??Rev. 11
MC10E136FN ONSEMI-MC10E136FN Datasheet
164Kb / 12P
   5VECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
MC10E136FNG ONSEMI-MC10E136FNG Datasheet
164Kb / 12P
   5VECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
MC10E136FNR2 ONSEMI-MC10E136FNR2 Datasheet
164Kb / 12P
   5VECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
More results

유사한 설명 - MC10E136

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10E136 ONSEMI-MC10E136_08 Datasheet
164Kb / 12P
   5VECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
MC10E136 ONSEMI-MC10E136 Datasheet
172Kb / 9P
   6-BIT UNIVERSAL UP/DOWN COUNTER
1996 REV 2
logo
Micrel Semiconductor
SY10E136 MICREL-SY10E136 Datasheet
119Kb / 8P
   6-BIT UNIVERSAL UP/DOWN COUNTER
SY10E136 MICREL-SY10E136_06 Datasheet
98Kb / 9P
   6-BIT UNIVERSAL UP/DOWN COUNTER
logo
ON Semiconductor
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
logo
Fairchild Semiconductor
DM74LS469 FAIRCHILD-DM74LS469 Datasheet
143Kb / 8P
   8-Bit Up/Down Counter
logo
ON Semiconductor
MC10EP016 ONSEMI-MC10EP016_16 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC10E150 ONSEMI-MC10E150_06 Datasheet
79Kb / 8P
   5V ECL 6-Bit D Latch
December, 2006 ??Rev. 10
MC10EP016 ONSEMI-MC10EP016_06 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10E151 ONSEMI-MC10E151_06 Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com