전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10E136 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MC10E136
상세설명  5V ECL 6-Bit Universal Up/Down Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E136 데이터시트(HTML) 3 Page - ON Semiconductor

  MC10E136 Datasheet HTML 1Page - ON Semiconductor MC10E136 Datasheet HTML 2Page - ON Semiconductor MC10E136 Datasheet HTML 3Page - ON Semiconductor MC10E136 Datasheet HTML 4Page - ON Semiconductor MC10E136 Datasheet HTML 5Page - ON Semiconductor MC10E136 Datasheet HTML 6Page - ON Semiconductor MC10E136 Datasheet HTML 7Page - ON Semiconductor MC10E136 Datasheet HTML 8Page - ON Semiconductor MC10E136 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC10E136, MC100E136
http://onsemi.com
3
Table 3. EXPANDED TRUTH TABLE
Function
S1
S2 MR CIN CLIN CLK
D5
D4
D3
D2
D1
D0
Q5 Q4 Q3 Q2 Q1 Q0 COUT CLOUT
Preset
L
L
L
X
X
Z
L
L
L
L
H
H
L
L
L
L
H
H
H
H
Down
H
H
H
H
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
Z
Z
Z
Z
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
L
L
L
H
L
L
L
H
L
L
L
H
L
L
L
H
H
L
L
H
L
H
L
H
H
H
L
H
H
L
H
H
Preset
L
L
L
X
X
Z
H
H
H
H
L
L
H
H
H
H
L
L
H
H
Up
L
L
L
L
L
L
H
H
H
H
H
H
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
Z
Z
Z
Z
Z
Z
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
H
H
H
L
L
L
H
H
H
L
L
L
H
H
H
L
L
L
H
H
H
L
L
L
L
H
H
L
L
H
H
L
H
L
H
L
H
H
L
H
H
H
H
L
H
H
H
H
Hold
H
H
H
H
L
L
X
X
X
X
Z
Z
X
X
X
X
X
X
X
X
X
X
X
X
L
L
L
L
L
L
L
L
H
H
L
L
H
H
H
H
Down
Hold
Down
Hold
Hold
H
H
H
H
H
H
H
H
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
H
L
H
H
H
L
L
L
L
L
L
L
H
H
L
Z
Z
Z
Z
Z
Z
Z
Z
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
H
H
L
L
L
L
L
L
H
H
L
H
H
H
L
L
L
H
H
H
H
H
H
H
Hold
Preset
Up
Hold
Up
Hold
Hold
H
L
L
L
L
L
L
L
L
H
L
H
H
H
H
H
H
H
L
L
L
L
L
L
L
L
L
L
X
L
L
H
L
H
H
L
L
X
L
L
L
L
L
H
L
Z
Z
Z
Z
Z
Z
Z
Z
Z
X
H
X
X
X
X
X
X
X
X
H
X
X
X
X
X
X
X
X
H
X
X
X
X
X
X
X
X
H
X
X
X
X
X
X
X
X
L
X
X
X
X
X
X
X
X
L
X
X
X
X
X
X
X
L
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
L
H
H
H
H
H
H
H
H
L
L
L
H
H
H
H
H
H
L
L
H
L
L
H
H
H
H
L
H
H
H
H
L
H
H
L
H
H
H
L
H
H
H
H
H
Up
L
L
L
L
H
H
H
H
L
L
L
L
L
L
L
L
L
L
L
L
Z
Z
Z
Z
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
H
H
L
H
L
H
H
H
H
H
H
H
H
H
Reset
X
X
H
X
X
X
X
X
X
X
X
X
L
L
L
L
L
L
H
H
Z = Low to High Transition


유사한 부품 번호 - MC10E136

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10E136 ONSEMI-MC10E136 Datasheet
172Kb / 9P
   6-BIT UNIVERSAL UP/DOWN COUNTER
1996 REV 2
MC10E136 ONSEMI-MC10E136 Datasheet
169Kb / 8P
   5V ECL Quint Differential Line Receiver
July, 2016 ??Rev. 11
MC10E136FN ONSEMI-MC10E136FN Datasheet
164Kb / 12P
   5VECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
MC10E136FNG ONSEMI-MC10E136FNG Datasheet
164Kb / 12P
   5VECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
MC10E136FNR2 ONSEMI-MC10E136FNR2 Datasheet
164Kb / 12P
   5VECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
More results

유사한 설명 - MC10E136

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10E136 ONSEMI-MC10E136_08 Datasheet
164Kb / 12P
   5VECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
MC10E136 ONSEMI-MC10E136 Datasheet
172Kb / 9P
   6-BIT UNIVERSAL UP/DOWN COUNTER
1996 REV 2
logo
Micrel Semiconductor
SY10E136 MICREL-SY10E136 Datasheet
119Kb / 8P
   6-BIT UNIVERSAL UP/DOWN COUNTER
SY10E136 MICREL-SY10E136_06 Datasheet
98Kb / 9P
   6-BIT UNIVERSAL UP/DOWN COUNTER
logo
ON Semiconductor
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
logo
Fairchild Semiconductor
DM74LS469 FAIRCHILD-DM74LS469 Datasheet
143Kb / 8P
   8-Bit Up/Down Counter
logo
ON Semiconductor
MC10EP016 ONSEMI-MC10EP016_16 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC10E150 ONSEMI-MC10E150_06 Datasheet
79Kb / 8P
   5V ECL 6-Bit D Latch
December, 2006 ??Rev. 10
MC10EP016 ONSEMI-MC10EP016_06 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10E151 ONSEMI-MC10E151_06 Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com