전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10E164 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 MC10E164
상세설명  5V ECL 16:1 Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E164 데이터시트(HTML) 6 Page - ON Semiconductor

  MC10E164 Datasheet HTML 1Page - ON Semiconductor MC10E164 Datasheet HTML 2Page - ON Semiconductor MC10E164 Datasheet HTML 3Page - ON Semiconductor MC10E164 Datasheet HTML 4Page - ON Semiconductor MC10E164 Datasheet HTML 5Page - ON Semiconductor MC10E164 Datasheet HTML 6Page - ON Semiconductor MC10E164 Datasheet HTML 7Page - ON Semiconductor MC10E164 Datasheet HTML 8Page - ON Semiconductor MC10E164 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC10E164, MC100E164
http://onsemi.com
6
Table 8. AC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = −5.0 V (Note 9)
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fMAX
Maximum Toggle Frequency
700
1100
700
1100
700
1100
MHz
tPLH
tPHL
Propagation Delay to Output
A to Q/Q, SELx to Q/Q
600
850
1100
600
850
1100
600
850
1100
ps
tSKEW
Within Device Skew (Note 10)
50
50
50
ps
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
tr
Rise/Fall Times
ps
tf
(20 - 80%)
275
400
550
275
400
550
275
400
550
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
9. 10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.
10.Within Device skew is defined as the difference in the A to Q delay between the 16 different A inputs.
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V


유사한 부품 번호 - MC10E164

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10E164 ONSEMI-MC10E164 Datasheet
98Kb / 4P
   16:1 MULTIPLEXER
1996 REV 2
MC10E164 ONSEMI-MC10E164 Datasheet
154Kb / 8P
   5V ECL 16:1 Multiplexer
July, 2016 ??Rev. 9
MC10E164FNG ONSEMI-MC10E164FNG Datasheet
154Kb / 8P
   5V ECL 16:1 Multiplexer
July, 2016 ??Rev. 9
MC10E164FNR2G ONSEMI-MC10E164FNR2G Datasheet
154Kb / 8P
   5V ECL 16:1 Multiplexer
July, 2016 ??Rev. 9
MC10E164 ONSEMI-MC10E164_16 Datasheet
154Kb / 8P
   5V ECL 16:1 Multiplexer
July, 2016 ??Rev. 9
More results

유사한 설명 - MC10E164

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58 ONSEMI-MC100EP58 Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
MC10EL57 ONSEMI-MC10EL57_06 Datasheet
124Kb / 8P
   5V ECL 4:1 Differential Multiplexer
November, 2006 ??Rev. 7
MC100EL59 ONSEMI-MC100EL59_06 Datasheet
107Kb / 5P
   5V ECL Triple 2:1 Multiplexer
November, 2006 ??Rev. 3
MC100LVE164 ONSEMI-MC100LVE164_06 Datasheet
120Kb / 7P
   3.3V ECL 16:1 Multiplexer
November, 2006 ??Rev. 6
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC10E158 ONSEMI-MC10E158_06 Datasheet
78Kb / 8P
   5V ECL 5-Bit 2:1 Multiplexer
December, 2006 ??Rev. 9
MC10E163 ONSEMI-MC10E163_06 Datasheet
125Kb / 8P
   5V ECL 2-Bit 8:1 Multiplexer
November, 2006 ??Rev. 10
MC10E457 ONSEMI-MC10E457_16 Datasheet
167Kb / 9P
   5V ECL Triple Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com